전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL23EP04 데이터시트(PDF) 9 Page - Silicon Laboratories

부품명 SL23EP04
상세설명  10 to 220 MHz operating frequency range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL23EP04 데이터시트(HTML) 9 Page - Silicon Laboratories

Back Button SL23EP04 Datasheet HTML 5Page - Silicon Laboratories SL23EP04 Datasheet HTML 6Page - Silicon Laboratories SL23EP04 Datasheet HTML 7Page - Silicon Laboratories SL23EP04 Datasheet HTML 8Page - Silicon Laboratories SL23EP04 Datasheet HTML 9Page - Silicon Laboratories SL23EP04 Datasheet HTML 10Page - Silicon Laboratories SL23EP04 Datasheet HTML 11Page - Silicon Laboratories SL23EP04 Datasheet HTML 12Page - Silicon Laboratories SL23EP04 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
May 15, 2008
Page 9 of 15
SL23EP04
Switching Electrical Characteristics (I-Grade and VDD=3.3V
– Cont.)
Unless otherwise stated VDD= 3.3V+/- 10%, CL=15pF and Ambient Temperature range -40 to +85°C
Cycle-to-Cycle Jitter
(-1H and -2H Versions)
CCJ2
Fout=66.6 MHz and CL=15pF
-
-
400
ps
Fout=166.6MHz and CL=15pF
-
-
400
ps
Fout=66.6 MHz and CL=30pF
-
-
400
ps
PLL Lock Time
tLOCK
From 0.95VDD and valid clock
presented at CLKIN
-
-
1.0
ms
Operating Conditions (C-Grade and VDD=2.5V)
Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
VDD+/-10%
2.25
2.5
2.75
V
Operating Temperature
TA
Ambient Temperature
-40
-
85
°C
Input Capacitance
VIH
Pins 1 and 8
-
5
8
pF
Output Impedance
ROUT-1
High Drive (-1H and -2H)
-
36
-
Ω
Output Impedance
ROUT-2
Standard Drive (-1 and -2)
-
42
-
Ω
DC Electrical Characteristics (C-Grade and VDD=2.5V)
Unless otherwise stated VDD= 2.5V+/- 10%, CL=15pF and Ambient Temperature range 0 to +70°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Input LOW Voltage
VINL
Pins 1 and 8
0.7
V
Input HIGH Voltage
VINH
Pins 1 and 8
1.7
VDD+0.3
V
Input LOW Current
IINL
0 < VIN < 0.8V, pins 1 and 8
20
50
µA
Input HIGH Current
IINH
2.4V < VIN < VDD, pins 1 and 8
20
50
µA
Output LOW Voltage
VOL
IOL = 6 mA, -1 and -2
0.3
V
IOL = 8 mA, -1H and -2H
0.3
V
Output HIGH Voltage
VOH
IOH =
–6 mA, -1 and -2
2.0
V
IOH =
–8 mA, -1H and -2H
2.0
V
Power Down Supply Current
IDDPD
Measured when CLKIN= GND
to VDD
10
18
µA
Power Supply Current
IDD1
All Outputs CL=0, 33.3 MHz
CLKIN
8
11
mA
Power Supply Current
IDD2
All Outputs CL=0, 66.6 MHz
CLKIN, all versions
10
14
mA
Power Supply Current
IDD3
All Outputs CL=0, 133.3 MHz
CLKIN, all versions
12
17
mA
Power Supply Current
IDD4
All Outputs CL=0, 166.6 MHz
CLKIN, all versions
14
20
mA
Pull-down Resistors
RPD
Pin-1, 2, 3, 5 and 6
150
250
350


유사한 부품 번호 - SL23EP04

제조업체부품명데이터시트상세설명
logo
SpectraLinear Inc
SL23EP04 SPECTRALINEAR-SL23EP04 Datasheet
163Kb / 14P
   Low Jitter and Skew 10 to 220 MHz Zero Delay Buffer(ZDB)
SL23EP04NZ SPECTRALINEAR-SL23EP04NZ Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZ SILABS-SL23EP04NZ Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
SpectraLinear Inc
SL23EP04NZZC-1 SPECTRALINEAR-SL23EP04NZZC-1 Datasheet
149Kb / 12P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
logo
Silicon Laboratories
SL23EP04NZZC-1 SILABS-SL23EP04NZZC-1 Datasheet
181Kb / 11P
   Low Jitter and Skew DC to 220 MHz Clock Buffer
More results

유사한 설명 - SL23EP04

제조업체부품명데이터시트상세설명
logo
Pasternack Enterprises,...
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6183 PASTERNACK-PE71S6183 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
PE71S6199 PASTERNACK-PE71S6199 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
logo
Vishay Siliconix
BA779-G VISHAY-BA779-G Datasheet
97Kb / 4P
   Wide frequency range 10 MHz to 1 GHz
Rev. 1.2, 25-Feb-13
logo
ATMEL Corporation
T0790-6CP ATMEL-T0790-6CP Datasheet
356Kb / 14P
   700 MHz to 2700 MHz Operating Frequency
logo
Nel Frequency Controls,...
PJ-0A20X NEL-PJ-0A20X Datasheet
184Kb / 2P
   Frequency Range: 10.0 MHz to 52.0 MHz
logo
Pasternack Enterprises,...
PE15B5002 PASTERNACK-PE15B5002 Datasheet
579Kb / 7P
   30 MHz to 3000 MHz Frequency Range
PE15A9001 PASTERNACK-PE15A9001 Datasheet
419Kb / 5P
   50 MHz to 1000 MHz Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com