전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF737LC 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF737LC
상세설명  HEXFET Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF737LC 데이터시트(HTML) 2 Page - International Rectifier

  IRF737LC Datasheet HTML 1Page - International Rectifier IRF737LC Datasheet HTML 2Page - International Rectifier IRF737LC Datasheet HTML 3Page - International Rectifier IRF737LC Datasheet HTML 4Page - International Rectifier IRF737LC Datasheet HTML 5Page - International Rectifier IRF737LC Datasheet HTML 6Page - International Rectifier IRF737LC Datasheet HTML 7Page - International Rectifier IRF737LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF737LC
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
300
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.391 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
0.75
VGS = 10V, ID = 3.7A
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
2.7
–––
–––
S
VDS = 50V, ID = 3.7A
–––
–––
25
VDS = 300V, VGS = 0V
–––
–––
250
VDS = 240V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
Qg
Total Gate Charge
–––
–––
17
ID = 6.1A
Qgs
Gate-to-Source Charge
–––
–––
4.8
nC
VDS = 240V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
7.6
VGS = 10V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
6.6
–––
VDD = 150V
tr
Rise Time
–––
21
–––
ID = 6.1A
td(off)
Turn-Off Delay Time
–––
13
–––
RG = 12Ω
tf
Fall Time
–––
12
–––
RD = 24Ω, See Fig. 10
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
430
–––
VGS = 0V
Coss
Output Capacitance
–––
120
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
9.2
–––
ƒ = 1.0MHz, See Fig. 5
nH
µA
nA
IDSS
Drain-to-Source Leakage Current
IGSS
LS
Internal Source Inductance
–––
–––
ns
4.5
7.5
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
–––
LD
Internal Drain Inductance
–––
–––
–––
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.6
V
TJ = 25°C, IS = 6.1A, VGS = 0V
trr
Reverse Recovery Time
–––
320
490
ns
TJ = 25°C, IF = 6.1A
Qrr
Reverse RecoveryCharge
–––
1.5
2.2
µC
di/dt = 100A/µs
Source-Drain Ratings and Characteristics
A
–––
–––
24
–––
–––
6.1
Notes:
Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ISD ≤ 6.1A, di/dt ≤ 270A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Pulse width
≤ 300µs; duty cycle ≤ 2%.
VDD = 25V, starting TJ = 25°C, L = 5.7mH
RG = 25Ω, IAS = 6.1A. (See Figure 12)


유사한 부품 번호 - IRF737LC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRF737LC VISHAY-IRF737LC Datasheet
119Kb / 8P
   Power MOSFET
Rev. A, 12-Jan-09
logo
International Rectifier
IRF737LCPBF IRF-IRF737LCPBF Datasheet
228Kb / 8P
   HEXFET Power MOSFET
More results

유사한 설명 - IRF737LC

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com