전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si53327-B-GM 데이터시트(PDF) 4 Page - Silicon Laboratories

부품명 Si53327-B-GM
상세설명  Output Enable option
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si53327-B-GM 데이터시트(HTML) 4 Page - Silicon Laboratories

  Si53327-B-GM Datasheet HTML 1Page - Silicon Laboratories Si53327-B-GM Datasheet HTML 2Page - Silicon Laboratories Si53327-B-GM Datasheet HTML 3Page - Silicon Laboratories Si53327-B-GM Datasheet HTML 4Page - Silicon Laboratories Si53327-B-GM Datasheet HTML 5Page - Silicon Laboratories Si53327-B-GM Datasheet HTML 6Page - Silicon Laboratories Si53327-B-GM Datasheet HTML 7Page - Silicon Laboratories Si53327-B-GM Datasheet HTML 8Page - Silicon Laboratories Si53327-B-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
Si53320/21/22/23/25/27
0.1 µF
0.1 µF
CLKx
CLKxb
100
VDD
Figure 2.1. Differential (HCSL, LVPECL, Low-Power LVPECL, LVDS, CML) AC-Coupled Input Termination
VDD
Si53320/21/22/23/25/27
VDD
1 k
CMOS
Driver
VTERM = VDD/2
CLKx
VDD = 3.3 V or 2.5 V
CLKxb
50
Rs
1 k
DC-Coupled
VDD
Si53320/21/22/23/25/27
VDD
1 k
CMOS
Driver
VTERM = VDD/2
CLKx
VDD = 3.3 V or 2.5 V
CLKxb
50
Rs
1 k
AC-Coupled
VDD
1 k
1 k
VBIAS = VDD/2
Note:
Value for Rs should be chosen so that the total
source impedance matches the characteristic
impedance of the PCB trace.
Figure 2.2. Single-Ended (LVCMOS) Input Termination
Si53320-28 Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.2 | 3


유사한 부품 번호 - Si53327-B-GM

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI53327-B-GM SKYWORKS-SI53327-B-GM Datasheet
2Mb / 50P
   Low-Jitter LVPECL Fanout Clock Buffers with up to 10 LVPECL Outputs from Any-Format Input and Wide Frequency Range from DC up to 1250 MHz
Rev. 1.2
More results

유사한 설명 - Si53327-B-GM

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
ACCL-9410 AVAGO-ACCL-9410 Datasheet
499Kb / 9P
   Output enable function
logo
Connor-Winfield Corpora...
AC51R CONNOR-WINFIELD-AC51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
JMA25R CONNOR-WINFIELD-JMA25R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
AC61R CONNOR-WINFIELD-AC61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA61R CONNOR-WINFIELD-MA61R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
logo
Maxim Integrated Produc...
MAX15053EVKIT MAXIM-MAX15053EVKIT Datasheet
1,007Kb / 7P
   Enable Input/Power-Good Output
Rev 0; 5/10
logo
Silicon Laboratories
SI5XX5X7-EVB SILABS-SI5XX5X7-EVB Datasheet
1Mb / 8P
   Jumper selection for output enable
logo
Connor-Winfield Corpora...
MPA51R CONNOR-WINFIELD-MPA51R Datasheet
61Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MPA61R CONNOR-WINFIELD-MPA61R Datasheet
62Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
MA51R CONNOR-WINFIELD-MA51R Datasheet
60Kb / 1P
   ACMOS ENABLE/DISABLE TRISTATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com