전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL28PCIE25 데이터시트(PDF) 11 Page - Silicon Laboratories

부품명 SL28PCIE25
상세설명  Integrated voltage regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SL28PCIE25 데이터시트(HTML) 11 Page - Silicon Laboratories

Back Button SL28PCIE25 Datasheet HTML 7Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 8Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 9Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 10Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 11Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 12Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 13Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 14Page - Silicon Laboratories SL28PCIE25 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SL28PCIe25
DOC#: SP-AP-0776 (Rev. 0.2)
Page 11 of 16
AC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
Crystal
LACC
Long-term Accuracy
Measured at VDD/2 differential
250
ppm
Clock Input
TDC
CLKIN Duty Cycle
Measured at VDD/2
47
53
%
TR/TF
CLKIN Rise and Fall Times
Measured between 0.2VDD and 0.8VDD
0.5
4.0
V/ns
TCCJ
CLKIN Cycle to Cycle Jitter
Measured at VDD/2
250
ps
TLTJ
CLKIN Long Term Jitter
Measured at VDD/2
350
ps
VIH
Input High Voltage
XIN / CLKIN pin
2
VDD+0.3
V
VIL
Input Low Voltage
XIN / CLKIN pin
0.8
V
IIH
Input HighCurrent
XIN / CLKIN pin, VIN = VDD
35
uA
IIL
Input LowCurrent
XIN / CLKIN pin, 0 < VIN <0.8
-35
uA
SRC at 0.7V
TDC
SRC Duty Cycle
Measured at 0V differential
45
55
%
TPERIOD
100 MHz SRC Period
Measured at 0V differential at 0.1s
9.99900
10.0010
ns
TPERIODSS
100 MHz SRC Period, SSC
Measured at 0V differential at 0.1s
10.02406
10.02607
ns
TPERIODAbs
100 MHz SRC Absolute Period
Measured at 0V differential at 1 clock
9.87400
10.1260
ns
TPERIODSSAbs 100 MHz SRC Absolute Period, SSC
Measured at 0V differential at 1 clock
9.87406
10.1762
ns
TCCJ
SRC Cycle to Cycle Jitter
Measured at 0V differential
125
ps
RMSGEN1
Output PCIe* Gen1 REFCLK phase
jitter
BER = 1E-12 (including PLL BW 8 - 16
MHz, ζ = 0.54, Td=10 ns,
Ftrk=1.5 MHz)
0108
ps
RMSGEN2
Output PCIe* Gen2 REFCLK phase
jitter
Includes PLL BW 8 - 16 MHz, Jitter
Peaking = 3dB, ζ = 0.54, Td=10 ns),
Low Band, F < 1.5MHz
03.0
ps
RMSGEN2
Output PCIe* Gen2 REFCLK phase
jitter
Includes PLL BW 8 - 16 MHz, Jitter
Peaking = 3dB, ζ = 0.54, Td=10 ns),
Low Band, F < 1.5MHz
03.1
ps
RMSGEN3
Output phase jitter impact – PCIe*
Gen3
Includes PLL BW 2 - 4 MHz,
CDR = 10MHz)
01.0
ps
LACC
SRC Long Term Accuracy
Measured at 0V differential
100
ppm
TR / TF
SRC Rising/Falling Slew Rate
Measured differentially from ±150 mV
2.5
8
V/ns
VHIGH
Voltage High
1.15
V
VLOW
Voltage Low
–0.3
V
VOX
Crossing Point Voltage at 0.7V Swing
300
550
mV
REF at 3.3V
TDC
Duty Cycle
Measurement at 1.5V
45
55
%
TPERIOD
Period
Measurement at 1.5V
39.996
40.004
ns
TPERIODAbs
Absolute Period
Measurement at 1.5V
39.32360 40.67640
ns
TR / TF
Rising and Falling Edge Rate
Measured between 0.8V and 2.0V
1.0
4.0
V/ns
TCCJ
Cycle to Cycle Jitter
Measurement at 1.5V
250
ps
LACC
Long Term Accuracy
Measured at 1.5V
100
ppm


유사한 부품 번호 - SL28PCIE25

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SL28PCIE26 SILABS-SL28PCIE26 Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALC SILABS-SL28PCIe26ALC Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALCT SILABS-SL28PCIe26ALCT Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALI SILABS-SL28PCIe26ALI Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
SL28PCIe26ALIT SILABS-SL28PCIe26ALIT Datasheet
407Kb / 15P
   EProClock짰 PCI Express Gen 2 & Gen 3 Generator
More results

유사한 설명 - SL28PCIE25

제조업체부품명데이터시트상세설명
logo
NTE Electronics
NTE7092 NTE-NTE7092 Datasheet
24Kb / 3P
   Integrated Circuit Hybrid Voltage Regulator
NTE923 NTE-NTE923 Datasheet
28Kb / 3P
   Integrated Circuit Precision Voltage Regulator
NTE1894 NTE-NTE1894 Datasheet
22Kb / 1P
   Integrated Circuit Hybrid Switching Voltage Regulator
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
logo
NTE Electronics
NTE1895 NTE-NTE1895 Datasheet
24Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE1896 NTE-NTE1896 Datasheet
24Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7152 NTE-NTE7152 Datasheet
27Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
logo
Infineon Technologies A...
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
   LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
logo
NTE Electronics
NTE15012 NTE-NTE15012 Datasheet
20Kb / 2P
   Integrated Circuit TV Fixed Voltage Regulator
NTE7078 NTE-NTE7078 Datasheet
21Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com