전자부품 데이터시트 검색엔진 |
|
BTA208B-600F 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
BTA208B-600F 데이터시트(HTML) 2 Page - NXP Semiconductors |
2 / 4 page Philips Semiconductors Objective specification Three quadrant triacs BTA208B series D, E and F guaranteed commutation THERMAL RESISTANCES SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT R th j-mb Thermal resistance full cycle - - 2.0 K/W junction to mounting base half cycle - - 2.4 K/W R th j-a Thermal resistance minimum footprint, FR4 board - 55 - K/W junction to ambient STATIC CHARACTERISTICS T j = 25 ˚C unless otherwise stated SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT BTA208B- ...D ...E ...F I GT Gate trigger current 2 V D = 12 V; IT = 0.1 A T2+ G+ 2 - 5 10 25 mA T2+ G- 2 - 5 10 25 mA T2- G- 2 - 5 10 25 mA I L Latching current V D = 12 V; I GT = 0.1 A T2+ G+ - - 6 12 30 mA T2+ G- - - 9 18 45 mA T2- G- - - 6 12 30 mA I H Holding current V D = 12 V; IGT = 0.1 A - - 6 12 30 mA V T On-state voltage I T = 10 A - 1.3 1.65 1.65 1.65 V V GT Gate trigger voltage V D = 12 V; IT = 0.1 A - 0.7 1.5 V V D = 400 V; IT = 0.1 A; 0.25 0.4 - V T j = 125 ˚C I D Off-state leakage current V D = VDRM(max); - 0.1 0.5 mA T j = 125 ˚C DYNAMIC CHARACTERISTICS T j = 25 ˚C unless otherwise stated SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT BTA208B- ...D ...E ...F dV D/dt Critical rate of rise of V DM = 67% VDRM(max);10 20 50 - - V/ µs off-state voltage T j = 125 ˚C; exponential waveform; gate open circuit dI com/dt Critical rate of change of V DM = 400 V; Tj = 125 ˚C; 1.8 2.5 3.5 - - A/ms commutating current I T(RMS) = 8 A; dV com/dt = 20v/µs; gate open circuit t gt Gate controlled turn-on I TM = 12 A; VD = VDRM(max);- - - 2 - µs time I G = 0.1 A; dIG/dt = 5 A/µs 2 Device does not trigger in the T2-, G+ quadrant. September 1997 2 Rev 1.000 |
유사한 부품 번호 - BTA208B-600F |
|
유사한 설명 - BTA208B-600F |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |