전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD019-101-411 데이터시트(PDF) 2 Page - List of Unclassifed Manufacturers

부품명 SD019-101-411
상세설명  Surface-Mount Photodiode Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

SD019-101-411 데이터시트(HTML) 2 Page - List of Unclassifed Manufacturers

  SD019-101-411 Datasheet HTML 1Page - List of Unclassifed Manufacturers SD019-101-411 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface-Mount Photodiode Assembly
SD019-101-411
WWW.LUNAINC.COM
Precision – Control – Results
Information in this technical datasheet is believed to
be correct and reliable. However, no responsibility is
assumed for possible inaccuracies or omission.
Specifications are subject to change without notice.
Page 2/2
REV 01-04-16
© 2016 Luna Optoelectronics. All rights reserved.
Luna Optoelectronics, 1240 Avenida Acaso, Camarillo CA 93012 • Phone (805) 987-0146 • Fax (805) 484-9935
OPTO-ELECTRICAL PARAMETERS
Ta = 23°C UNLESS NOTED OTHERWISE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Forward Voltage
If=10 mA
0.5
0.8
1.3
V
Light Current (2856K)
VR = 5V; H=1000 lux
-
3.2
-
µA
Breakdown Voltage
I=100
µA
50
-
-
V
Shunt Resistance
VR = 10 mV
-
2.0
-
Dark Current
VR = 10 V
-
-
0.5
nA
Junction Capacitance
VR =5V; f = 1000 kHz
-
6.0
-
pF
Rise Time
VR = 3V; Ri= 1000Ω
-
1.0
-
µS
TYPICAL PERFORMANCE
SPECTRAL RESPONSE


유사한 부품 번호 - SD019-101-411

제조업체부품명데이터시트상세설명
logo
Luna Innovations Incorp...
SD019-101-411 LUNA-SD019-101-411 Datasheet
159Kb / 2P
   Surface-Mount Photodiode Assembly
logo
Advanced Photonix, Inc.
SD019-101-411 ADVANCEDPHOTONIX-SD019-101-411 Datasheet
137Kb / 1P
   SMT Photodiode Assembly
More results

유사한 설명 - SD019-101-411

제조업체부품명데이터시트상세설명
logo
Luna Innovations Incorp...
SD040-111-411 LUNA-SD040-111-411 Datasheet
162Kb / 2P
   Surface-Mount Photodiode Assembly
logo
API Delevan
SD-019-111-411 API-SD-019-111-411 Datasheet
321Kb / 2P
   Surface-Mount Photodiode Assembly
logo
List of Unclassifed Man...
SD019-111-411 ETC2-SD019-111-411 Datasheet
138Kb / 2P
   Surface-Mount Photodiode Assembly
logo
API Delevan
SD-019-141-411-IR920 API-SD-019-141-411-IR920 Datasheet
252Kb / 2P
   Surface-Mount Photodiode Assembly
SD-040-101-411 API-SD-040-101-411 Datasheet
403Kb / 2P
   Surface-Mount Photodiode Assembly
SD-040-111-411 API-SD-040-111-411 Datasheet
397Kb / 2P
   Surface-Mount Photodiode Assembly
logo
List of Unclassifed Man...
SD040-101-411 ETC2-SD040-101-411 Datasheet
166Kb / 2P
   Surface-Mount Photodiode Assembly
logo
Luna Innovations Incorp...
SD019-111-411 LUNA-SD019-111-411 Datasheet
138Kb / 2P
   Surface-Mount Photodiode Assembly
SD019-141-411-IR920 LUNA-SD019-141-411-IR920 Datasheet
429Kb / 3P
   Surface-Mount Photodiode Assembly
SD040-101-411 LUNA-SD040-101-411 Datasheet
166Kb / 2P
   Surface-Mount Photodiode Assembly
logo
API Delevan
SD-019-101-411 API-SD-019-101-411 Datasheet
337Kb / 2P
   Surface-Mount Photodiode Assembly
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com