전자부품 데이터시트 검색엔진 |
|
74LVC16245APAG8 데이터시트(PDF) 3 Page - Integrated Device Technology |
|
74LVC16245APAG8 데이터시트(HTML) 3 Page - Integrated Device Technology |
3 / 6 page INDUSTRIALTEMPERATURERANGE IDT74LVC16245A 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS 3 Symbol Parameter Test Conditions Min. Typ.(1) Max. Unit VIH Input HIGH Voltage Level VCC = 2.3V to 2.7V 1.7 — — V VCC = 2.7V to 3.6V 2 — — VIL Input LOW Voltage Level VCC = 2.3V to 2.7V — — 0.7 V VCC = 2.7V to 3.6V — — 0.8 IIH Input Leakage Current VCC = 3.6V VI = 0 to 5.5V — — ±5 μA IIL IOZH High Impedance Output Current VCC = 3.6V VO = 0 to 5.5V — — ±10 μA IOZL (3-State Output pins) IOFF Input/Output Power Off Leakage VCC = 0V, VIN or VO ≤ 5.5V — — ±50 μA VIK Clamp Diode Voltage VCC = 2.3V, IIN = –18mA — –0.7 –1.2 V VH Input Hysteresis VCC = 3.3V — 100 — mV ICCL Quiescent Power Supply Current VCC = 3.6V VIN = GND or VCC —— 10 μA ICCH ICCZ 3.6 ≤ VIN ≤ 5.5V(2) —— 10 ΔICC Quiescent Power Supply Current One input at VCC - 0.6V, other inputs at VCC or GND — — 500 μA Variation DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE FollowingConditionsApplyUnlessOtherwiseSpecified: Operating Condition: TA = –40°C to +85°C NOTES: 1. Typical values are at VCC = 3.3V, +25°C ambient. 2. This applies in the disabled state only. NOTE: 1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range. TA = – 40°C to + 85°C. OUTPUT DRIVE CHARACTERISTICS Symbol Parameter TestConditions(1) Min. Max. Unit VOH Output HIGH Voltage VCC = 2.3V to 3.6V IOH = – 0.1mA VCC – 0.2 — V VCC = 2.3V IOH = – 6mA 2 — VCC = 2.3V IOH = – 12mA 1.7 — VCC = 2.7V 2.2 — VCC = 3V 2.4 — VCC = 3V IOH = – 24mA 2.2 — VOL OutputLOWVoltage VCC = 2.3V to 3.6V IOL = 0.1mA — 0.2 V VCC = 2.3V IOL = 6mA — 0.4 IOL = 12mA — 0.7 VCC = 2.7V IOL = 12mA — 0.4 VCC = 3V IOL = 24mA — 0.55 |
유사한 부품 번호 - 74LVC16245APAG8 |
|
유사한 설명 - 74LVC16245APAG8 |