전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVCH32245ABFG 데이터시트(PDF) 1 Page - Integrated Device Technology

부품명 74LVCH32245ABFG
상세설명  3.3V CMOS 32-BIT BUS TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVCH32245ABFG 데이터시트(HTML) 1 Page - Integrated Device Technology

  74LVCH32245ABFG Datasheet HTML 1Page - Integrated Device Technology 74LVCH32245ABFG Datasheet HTML 2Page - Integrated Device Technology 74LVCH32245ABFG Datasheet HTML 3Page - Integrated Device Technology 74LVCH32245ABFG Datasheet HTML 4Page - Integrated Device Technology 74LVCH32245ABFG Datasheet HTML 5Page - Integrated Device Technology 74LVCH32245ABFG Datasheet HTML 6Page - Integrated Device Technology 74LVCH32245ABFG Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVCH32245A
3.3VCMOS32-BITBUSTRANSCEIVERWITH3-STATEOUTPUTS
1
FEBRUARY 2016
INDUSTRIAL TEMPERATURE RANGE
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc.
©2016 Integrated Device Technology, Inc.
DSC-4767/5
FEATURES:
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
• CMOS power levels (0.4
μμμμμ W typ. static)
• All inputs, outputs, and I/O are 5V tolerant
• Supports hot insertion
• Available in 96-ball LFBGA package
FUNCTIONAL BLOCK DIAGRAM
DRIVE FEATURES:
• Balanced Output Drivers: ±24mA
• Reduced system switching noise
APPLICATIONS:
• 5V and 3.3V mixed voltage systems
• Data communication and telecommunication systems
IDT74LVCH32245A
DESCRIPTION:
This 32-bit bus transceiver is built using advanced dual metal CMOS
technology. This high-speed, low power transceiver is ideal for asynchro-
nous communication between two busses (A and B). The Direction and
Output Enable controls are designed to operate the device as either four
independent 8-bit transceivers or one 32-bit transceiver. The direction
control pins (DIR) control the direction of data flow. The output enable pins
(OE) override the direction control and disable both ports. All inputs are
designed with hysteresis for improved noise margin.
All pins can be driven from either 3.3V or 5V devices. This feature allows
the use of this device as a translator in a mixed 3.3V/5V supply system.
The LVCH32245A has been designed with a ±24mA output driver. This
driver is capable of driving a moderate to heavy load while maintaining
speed performance
The LVCH32245A has “bus-hold” which retains the inputs’ last state
whenever the input goes to a high impedance. This prevents floating inputs
and eliminates the need for pull-up/down resistors.
3.3V CMOS 32-BIT
BUS TRANSCEIVER
WITH 3-STATE OUTPUTS,
5 VOLT TOLERANT I/O, BUS-HOLD
1
DIR
1
A1
1
B1
1
OE
TO SEVEN OTHER CHANNNELS
3
DIR
3
A1
3
B1
3
OE
TO SEVEN OTHER CHANNNELS
2
DIR
2
A1
2
B1
2
OE
TO SEVEN OTHER CHANNNELS
4
DIR
4
A1
4
B1
4
OE
TO SEVEN OTHER CHANNNELS
A3
A5
H3
E5
A4
A2
H4
E2
J3
J5
J4
J2
T3
N5
T4
N2


유사한 부품 번호 - 74LVCH32245ABFG

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
74LVCH32245ABFG RENESAS-74LVCH32245ABFG Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
74LVCH32245ABFG8 RENESAS-74LVCH32245ABFG8 Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
More results

유사한 설명 - 74LVCH32245ABFG

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
IDT74ALVCH32245 IDT-IDT74ALVCH32245_16 Datasheet
103Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC16245A IDT-IDT74LVC16245A_15 Datasheet
121Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVCH16245 IDT-IDT74ALVCH16245_16 Datasheet
97Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC162245A IDT-IDT74LVC162245A_15 Datasheet
122Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCR162245A IDT-IDT74LVCR162245A_15 Datasheet
119Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
IDT74ALVCH32245 RENESAS-IDT74ALVCH32245 Datasheet
287Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
JUNE 2016
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com