전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL1561IRZ 데이터시트(PDF) 9 Page - Intersil Corporation

부품명 ISL1561IRZ
상세설명  3 pin serial port interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1561IRZ 데이터시트(HTML) 9 Page - Intersil Corporation

Back Button ISL1561IRZ Datasheet HTML 5Page - Intersil Corporation ISL1561IRZ Datasheet HTML 6Page - Intersil Corporation ISL1561IRZ Datasheet HTML 7Page - Intersil Corporation ISL1561IRZ Datasheet HTML 8Page - Intersil Corporation ISL1561IRZ Datasheet HTML 9Page - Intersil Corporation ISL1561IRZ Datasheet HTML 10Page - Intersil Corporation ISL1561IRZ Datasheet HTML 11Page - Intersil Corporation ISL1561IRZ Datasheet HTML 12Page - Intersil Corporation ISL1561IRZ Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ISL1561
9
FN7941.1
February 26, 2013
FIGURE 21. QUIESCENT CURRENT vs TEMPERATURE
FIGURE 22. GAIN AT LOAD vs TEMPERATURE
FIGURE 23. SLEW RATE vs TEMPERATURE
FIGURE 24. 4MHz HARMONIC DISTORTION vs TEMPERATURE
FIGURE 25. OUTPUT SWING vs TEMPERATURE
FIGURE 26. OUTPUT OFFSET CM AND DM vs TEMPERATURE
Typical Performance Curves V
CC = +14V, Rb = 5.1Ω, Gain at the Load = 11.6V/V (Differential), RLOAD = 51Ω,
TA = +25°C, Unless otherwise noted. (Continued)
0
5
10
15
20
25
30
35
40
45
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
Iq = ‘7F’
Iq = ‘1C’
11.40
11.45
11.50
11.55
11.60
11.65
11.70
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
GAIN
900
920
940
960
980
1000
1020
1040
1060
1080
1100
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
SR
-80
-78
-76
-74
-72
-70
-68
-66
-64
-62
-60
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
3RD HD
2ND HD
10VP-P
0
2
4
6
8
10
12
14
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
HIGH SWING
LOW SWING
0
1
2
3
4
5
6
7
8
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
CM
DM


유사한 부품 번호 - ISL1561IRZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL1561IRZ INTERSIL-ISL1561IRZ Datasheet
459Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
February 26, 2013
logo
Renesas Technology Corp
ISL1561IRZ RENESAS-ISL1561IRZ Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
February 26, 2013
logo
Renesas Technology Corp
ISL1561IRZ-T13 RENESAS-ISL1561IRZ-T13 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
More results

유사한 설명 - ISL1561IRZ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036 TI-TUSB2036 Datasheet
282Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
logo
Assmann Electronics Inc...
AK231-2-R ASSMANN-AK231-2-R Datasheet
108Kb / 1P
   Serial Connection Cable for 9 Pin Interface
AK138-2-R ASSMANN-AK138-2-R Datasheet
261Kb / 1P
   SERIAL EXTENSION CABLE FOR 36-PIN INTERFACE
logo
ON Semiconductor
LE24CBK23MC ONSEMI-LE24CBK23MC Datasheet
1Mb / 21P
   Dual port EEPROM Two Wire Serial Interface
July, 2013
logo
NXP Semiconductors
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
   3-port physical layer interface
1999 Mar 10
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
   3-port physical layer interface
1999 Jul 09
logo
Texas Instruments
DAC8043 TI-DAC8043 Datasheet
281Kb / 11P
[Old version datasheet]   12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com