전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL29033 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL29033
상세설명  Simple output code directly proportional to lux
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29033 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL29033 Datasheet HTML 1Page - Intersil Corporation ISL29033 Datasheet HTML 2Page - Intersil Corporation ISL29033 Datasheet HTML 3Page - Intersil Corporation ISL29033 Datasheet HTML 4Page - Intersil Corporation ISL29033 Datasheet HTML 5Page - Intersil Corporation ISL29033 Datasheet HTML 6Page - Intersil Corporation ISL29033 Datasheet HTML 7Page - Intersil Corporation ISL29033 Datasheet HTML 8Page - Intersil Corporation ISL29033 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ISL29033
3
FN7656.5
September 28, 2016
Submit Document Feedback
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
VDD Supply Voltage between VDD and GND. . . . . . . . . . . . . . . . . . . . . .4.0V
I2C Bus Pin Voltage (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . -0.2V to 4.0V
I2C Bus Pin Current (SCL, SDA). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
REXT Pin Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.2V to VDD + 0.5V
INT Pin Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD + 0.5V
INT Pin Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . <10mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3kV
Thermal Resistance (Typical)
JA (°C/W)
6 Ld ODFN (Note 5) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
88
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+90°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +100°C
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB477
Recommended Operating Conditions
Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2.25V to 3.63V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTE:
5.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB477.
Electrical Specifications VDD = 3.0V, TA = +25°C, REXT = 499kΩ 1% tolerance, 16-bit ADC operation, unless otherwise specified.
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNIT
VDD
Power Supply Range
2.25
3.63
V
IDD
Supply Current
65
75
µA
IDD1
Supply Current when Powered Down
Software disabled or auto power-down
0.01
0.3
µA
VI2C
Supply Voltage Range for I2C Interface
1.70
3.63
V
fOSC
Internal Oscillator Frequency
600
670
740
kHz
tINT
ADC Integration/Conversion Time
16-bit ADC data
100
ms
FI2C
I2C Clock Rate Range
1 to
400
kHz
DATA_0
Count Output when Dark
E = 0 lux, Range 1 (125 lux)
1
5
Counts
DATA_F
Full Scale ADC Code
65535
Counts
ΔDATA
DATA
Count Output Variation Over Three Light
Sources: Fluorescent, Incandescent and
Sunlight
Ambient light sensing
±10
%
DATA_1
Light Count Output with LSB of
0.0019 lux/Count
E = 37.5 lux, fluorescent light (Note 7),
ambient light sensing, Range 1 (125 lux)
16000
20000
24000
Counts
DATA_2
Light Count Output with LSB of
0.0075 lux/Count
E = 37.5 lux, fluorescent light (Note 7),
ambient light sensing, Range 2 (500 lux)
5000
Counts
DATA_3
Light Count Output with LSB of 0.03 lux/Count E = 37.5 lux, fluorescent light (Note 7),
ambient light sensing, Range 3 (2k lux)
1250
Counts
DATA_4
Light Count Output with LSB of 0.12 lux/Count E = 37.5 lux, fluorescent light (Note 7),
ambient light sensing, Range 4 (8k lux)
312
Counts
DATA_IR1
Infrared Count Output
E = 20 lux solar light (Note 8),
ambient light sensing, Range 1 (125 lux)
16000
20000
24000
Counts
DATA_IR2
Infrared Count Output
E = 20 lux solar light (Note 8),
ambient light sensing, Range 2 (500 lux)
5000
Counts
DATA_IR3
Infrared Count Output
E = 20 lux solar light (Note 8),
ambient light sensing, Range 3 (2000 lux)
1250
Counts
DATA_IR4
Infrared Count Output
E = 20 lux solar light (Note 8),
ambient light sensing, Range 4 (8000 lux)
312
Counts


유사한 부품 번호 - ISL29033

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL29033 RENESAS-ISL29033 Datasheet
771Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
logo
Intersil Corporation
ISL29033 INTERSIL-ISL29033 Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033 INTERSIL-ISL29033 Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033IROZ-EVALZ INTERSIL-ISL29033IROZ-EVALZ Datasheet
468Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
ISL29033IROZ-EVALZ INTERSIL-ISL29033IROZ-EVALZ Datasheet
465Kb / 15P
   Ultra-Low Lux, Low Power, Integrated Digital Ambient Light Sensor with Interrupt Function
February 25, 2013
More results

유사한 설명 - ISL29033

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
EVAL-VNH5019-P1 STMICROELECTRONICS-EVAL-VNH5019-P1 Datasheet
94Kb / 3P
   Current sense output proportional to motor current
logo
Zowie Technology Corpor...
LX10M ZOWIE-LX10M Datasheet
64Kb / 2P
   Lux-Bridge
logo
ASM GmbH
FT3424 ASM-SENSOR-FT3424 Datasheet
1Mb / 4P
   LUX METER
logo
Zowie Technology Corpor...
LX08M ZOWIE-LX08M Datasheet
69Kb / 2P
   Lux-Bridge
logo
Lite-On Technology Corp...
LTV-702V LITEON-LTV-702V Datasheet
176Kb / 10P
   Directly connectable to TTL
logo
Linear Technology
LTC2996 LINER-LTC2996 Datasheet
236Kb / 16P
   Temperature Sensor with Alert Outputs Voltage Output Proportional to Temperature
logo
IK Semicon Co., Ltd
IN74HCT04A IKSEMICON-IN74HCT04A Datasheet
185Kb / 5P
   Outputs Directly Interface to CMOS
logo
Lite-On Technology Corp...
LTV713V LITEON-LTV713V Datasheet
220Kb / 10P
   DIRECTLY CONNECTABLE TO TTL
logo
IK Semicon Co., Ltd
IN74HCT10A IKSEMICON-IN74HCT10A Datasheet
186Kb / 5P
   Outputs Directly Interface to CMOS
IN74HCT08A IKSEMICON-IN74HCT08A Datasheet
185Kb / 5P
   Outputs Directly Interface to CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com