전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL3281EFHZ-T 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 ISL3281EFHZ-T
상세설명  ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3281EFHZ-T 데이터시트(HTML) 3 Page - Intersil Corporation

  ISL3281EFHZ-T Datasheet HTML 1Page - Intersil Corporation ISL3281EFHZ-T Datasheet HTML 2Page - Intersil Corporation ISL3281EFHZ-T Datasheet HTML 3Page - Intersil Corporation ISL3281EFHZ-T Datasheet HTML 4Page - Intersil Corporation ISL3281EFHZ-T Datasheet HTML 5Page - Intersil Corporation ISL3281EFHZ-T Datasheet HTML 6Page - Intersil Corporation ISL3281EFHZ-T Datasheet HTML 7Page - Intersil Corporation ISL3281EFHZ-T Datasheet HTML 8Page - Intersil Corporation ISL3281EFHZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E
3
FN6543.4
July 27, 2015
Submit Document Feedback
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
(Note 4)
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL3280EFHZ-T
280F
-40 to +125
5 Ld SOT-23
P5.064
ISL3280EIHZ-T
280I
-40 to +85
5 Ld SOT-23
P5.064
ISL3281EFHZ-T
281F
-40 to +125
6 Ld SOT-23
P6.064
ISL3281EIHZ-T
281I
-40 to +85
6 Ld SOT-23
P6.064
ISL3282EFRTZ-T
82F
-40 to +125
8 Ld TDFN
L8.2x3A
ISL3282EIRTZ-T
82I
-40 to +85
8 Ld TDFN
L8.2x3A
ISL3283EFHZ-T
283F
-40 to +125
6 Ld SOT-23
P6.064
ISL3283EIHZ-T
283I
-40 to +85
6 Ld SOT-23
P6.064
ISL3284EFHZ-T
284F
-40 to +125
6 Ld SOT-23
P6.064
ISL3284EIHZ-T
284I
-40 to +85
6 Ld SOT-23
P6.064
ISL3285EFRTZ-T (No longer available or supported)
85F
-40 to +125
8 Ld TDFN
L8.2x3A
ISL3285EIRTZ-T (No longer available or supported)
85I
-40 to +85
8 Ld TDFN
L8.2x3A
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials and 100% matte tin
plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. Please refer to TB347 for details on reel specifications.
3. For Moisture Sensitivity Level (MSL), please see product information page for ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E. For
more information on MSL, please see tech brief TB363.
4. SOT-23 “PART MARKING” is branded on the bottom side.


유사한 부품 번호 - ISL3281EFHZ-T

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
ISL3281EFHZ-T IDT-ISL3281EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3281EFHZ-T RENESAS-ISL3281EFHZ-T Datasheet
944Kb / 16P
   Clock distribution
More results

유사한 설명 - ISL3281EFHZ-T

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
RAA7884QR RENESAS-RAA7884QR Datasheet
388Kb / 13P
   Quad, ±16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receiver
Oct.14.20
logo
Intersil Corporation
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
MAX3280E MAXIM-MAX3280E_14 Datasheet
1Mb / 10P
   ±15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
Rev 2; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com