전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIPL760B 데이터시트(PDF) 4 Page - Bourns Electronic Solutions

부품명 TIPL760B
상세설명  NPN SILICON POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIPL760B 데이터시트(HTML) 4 Page - Bourns Electronic Solutions

  TIPL760B Datasheet HTML 1Page - Bourns Electronic Solutions TIPL760B Datasheet HTML 2Page - Bourns Electronic Solutions TIPL760B Datasheet HTML 3Page - Bourns Electronic Solutions TIPL760B Datasheet HTML 4Page - Bourns Electronic Solutions TIPL760B Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TIPL760B, TIPL760C
NPN SILICON POWER TRANSISTORS
4
PRODU CT
INFORMA TION
MAY 1989 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 3.
Figure 4.
Figure 5.
Figure 6.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·1
1·0
10
1·0
10
100
TCP741AA
V
CE = 5 V
T
C = 125°C
T
C =
25°C
T
C =
-65°C
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0
0·5
1·0
1·5
2·0
0
1·0
2·0
3·0
4·0
5·0
TCP741AB
T
C =
25°C
T
C = 100°C
I
C = 4 A
I
C = 3 A
I
C = 2 A
I
C = 1 A
BASE-EMITTER SATURATION VOLTAGE
vs
BASE CURRENT
I
B - Base Current - A
0
0·2
0·4
0·6
0·8
1·0
1·2
1·4
1·6
0·75
0·85
0·95
1·05
1·15
1·25
TCP741AC
T
C = 25°C
I
C = 4 A
I
C = 3 A
I
C = 2 A
I
C = 1 A
COLLECTOR CUT-OFF CURRENT
vs
CASE TEMPERATURE
T
C - Case Temperature - °C
-60
-30
0
306090
120
0·001
0·01
0·1
1·0
10
TCP741AO
TIPL760C
V
CE = 1200 V
TIPL760B
V
CE = 1100 V


유사한 부품 번호 - TIPL760B

제조업체부품명데이터시트상세설명
logo
Power Innovations Ltd
TIPL760B POINN-TIPL760B Datasheet
161Kb / 7P
   NPN SILICON POWER TRANSISTORS
More results

유사한 설명 - TIPL760B

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com