전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10172 데이터시트(PDF) 2 Page - Motorola, Inc

부품명 MC10172
상세설명  Dual Binary to 1-4 Decoder(High)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC10172 데이터시트(HTML) 2 Page - Motorola, Inc

  MC10172 Datasheet HTML 1Page - Motorola, Inc MC10172 Datasheet HTML 2Page - Motorola, Inc MC10172 Datasheet HTML 3Page - Motorola, Inc MC10172 Datasheet HTML 4Page - Motorola, Inc MC10172 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10172
3–113
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS
Pi
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
85
65
77
85
mAdc
Input Current
IinH
14
350
220
220
µAdc
IinL
14
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
6
13
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
13
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
6
13
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
6
13
–1.655
–1.655
–1.630
–1.630
–1.595
–1.595
Vdc
Switching Times
(50
Ω Load)
ns
Propagation Delay
t7+6–
t7–6+
t7+13–
t7–13+
6
6
13
13
1.5
1.5
1.5
1.5
6.2
6.2
6.2
6.2
1.5
1.5
1.5
1.5
4.0
4.0
4.0
4.0
6.0
6.0
6.0
6.0
1.5
1.5
1.5
1.5
6.4
6.4
6.4
6.4
Rise Time
(20 to 80%)
t6+
t13+
6
13
1.0
1.0
3.3
3.3
1.1
1.1
2.0
2.0
3.3
3.3
1.1
1.1
3.4
3.4
Fall Time
(20 to 80%)
t6–
t13–
6
13
1.0
1.0
3.3
3.3
1.1
1.1
2.0
2.0
3.3
3.3
1.1
1.1
3.4
3.4


유사한 부품 번호 - MC10172

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC10170 MOTOROLA-MC10170 Datasheet
85Kb / 4P
   92-Bit Parity Geverator/Checker
logo
ON Semiconductor
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC10171 ONSEMI-MC10171 Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
MC10171FN ONSEMI-MC10171FN Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC10171FN ONSEMI-MC10171FN Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
More results

유사한 설명 - MC10172

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10171 ONSEMI-MC10171 Datasheet
110Kb / 5P
   Dual Binary to 1-4 Decoder(Low)
1996 REV 5
MC10H171 ONSEMI-MC10H171 Datasheet
135Kb / 5P
   Dual Binary to 1-4 Decoder (Low)
March, 2006 ??Rev. 7
MC10171 ONSEMI-MC10171_02 Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
STMicroelectronics
HCC4555B STMICROELECTRONICS-HCC4555B Datasheet
316Kb / 14P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B_14 Datasheet
110Kb / 6P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
MC10H162 ONSEMI-MC10H162_06 Datasheet
163Kb / 7P
   Binary to 1?? Decoder (High)
February, 2006 ??Rev. 7
logo
Texas Instruments
CD4555B TI1-CD4555B_15 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Binary to 1 of 4 Decoder/Demultiplexers
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com