전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC12034AP 데이터시트(PDF) 1 Page - Motorola, Inc

부품명 MC12034AP
상세설명  MECL PLL COMPONENTS 첨32/33, 첨64/65 DUAL MODULUS PRESCALER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12034AP 데이터시트(HTML) 1 Page - Motorola, Inc

  MC12034AP Datasheet HTML 1Page - Motorola, Inc MC12034AP Datasheet HTML 2Page - Motorola, Inc MC12034AP Datasheet HTML 3Page - Motorola, Inc MC12034AP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MC12034A
MC12034B
Order this document by MC12034A/D
SEMICONDUCTOR
TECHNICAL DATA
MECL PLL COMPONENTS
÷32/33, ÷64/65
DUAL MODULUS PRESCALER
P SUFFIX
PLASTIC PACKAGE
CASE 626
PIN CONNECTIONS
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
8
1
1
8
IN
(Top View)
8
IN
VCC
SW
OUT
NC
MC
Gnd
7
6
5
1
2
3
4
Device
Operating
Temp Range
Package
ORDERING INFORMATION
MC12034AD
MC12034AP
TA = –40° to +85°C
SO–8
Plastic
MC12034BD
MC120348BP
SO–8
Plastic
2.0GHz Dual Modulus Prescaler
The MC12034A can be used with CMOS synthesizers requiring positive
edges to trigger internal counters such as Motorola’s MC145xxx series in a
PLL to provide tuning signals up to 2.0 GHz in programmable frequency
steps.
The MC12034B can be used with CMOS synthesizers requiring negative
edges to trigger internal counters such as Fujitsu’s MB87001.
A Divide Ratio Control (SW) permits selection of a 32/33 or 64/65 divide
ratio as desired.
The Modulus Control (MC) selects the proper divide number after SW has
been biased to select the desired divide ratio.
2.0 GHz Toggle Frequency
Supply Voltage 4.5 to 5.5 V
MC12034A for Positive Edge Triggered Synthesizers
12mA Maximum, –40 to 85°C, VCC = 5.5 Vdc
Modulus Control Input is Compatible with Standard CMOS and TTL
Low–Power 8.5 mA Typical
FUNCTIONAL TABLE
SW
MC
Divide Ratio
H
H
32
H
L
33
L
H
64
L
L
65
NOTES: 1. SW: H = VCC, L = Open. A logic L can also be applied by grounding this pin,
but this is not recommended due to increased power consumption.
2. MC: H = 2.0 V to VCC, L = GND to 0.8 V.
Design Criteria
Value
Unit
Internal Gate Count *
67
ea
Internal Gate Propagation Delay
200
ps
Internal Gate Power Dissipation
0.75
mW
Speed Power Product
0.15
pJ
NOTE:
*Equivalent to a two–input NAND gate.
MAXIMUM RATINGS
Characteristic
Symbol
Range
Unit
Power Supply Voltage, Pin 2
VCC
–0.5 to +7.0
Vdc
Operating Temperature Range
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Modulus Control Input, Pin 6
MC
–0.5 to +6.5
Vdc
NOTES: 1. ESD data available upon request.
2. This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this high
impedance circuit. For proper operation, Vin and Vout should be constrained
to the range GND
≤ (Vin or Vout) ≤ VCC.
© Motorola, Inc. 1997
Rev 3


유사한 부품 번호 - MC12034AP

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC1203 MOTOROLA-MC1203 Datasheet
192Kb / 4P
   6-INPUT GATES
MC12033A MOTOROLA-MC12033A Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12033AD MOTOROLA-MC12033AD Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12033AP MOTOROLA-MC12033AP Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12033BD MOTOROLA-MC12033BD Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
More results

유사한 설명 - MC12034AP

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC12033A MOTOROLA-MC12033A Datasheet
85Kb / 4P
   MECL PLL COMPONENTS 첨32/33, 첨64/65 LOW VOLTAGE DUAL MODULUS PRESCALER
MC12025 MOTOROLA-MC12025 Datasheet
73Kb / 2P
   MECL PLL COMPONENTS 첨64/65 DUAL MODULUS PRESCALER
MC12022LVA MOTOROLA-MC12022LVA Datasheet
90Kb / 7P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12028A MOTOROLA-MC12028A Datasheet
97Kb / 5P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 DUAL MODULUS PRESCALER
MC12054A MOTOROLA-MC12054A Datasheet
82Kb / 4P
   MECL PLL COMPONENTS 첨64/65, 첨128/129 LOW POWER DUAL MODULUS PRESCALER
MC12023 MOTOROLA-MC12023 Datasheet
67Kb / 2P
   MECL PLL COMPONENTS 첨64 PRESCALER
MC12075 MOTOROLA-MC12075 Datasheet
74Kb / 3P
   MECL PLL COMPONENTS 첨64 PRESCALER
logo
LANSDALE Semiconductor ...
ML12509 LANSDALE-ML12509 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12509 LANSDALE-ML12509_08 Datasheet
5Mb / 12P
   MECL PLL Components Dual Modulus Prescaler
ML12013 LANSDALE-ML12013_08 Datasheet
5Mb / 15P
   MECL PLL Components Dual Modulus Prescaler
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com