전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJE5852G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MJE5852G
상세설명  Switch-mode Series PNP Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5852G 데이터시트(HTML) 1 Page - ON Semiconductor

  MJE5852G Datasheet HTML 1Page - ON Semiconductor MJE5852G Datasheet HTML 2Page - ON Semiconductor MJE5852G Datasheet HTML 3Page - ON Semiconductor MJE5852G Datasheet HTML 4Page - ON Semiconductor MJE5852G Datasheet HTML 5Page - ON Semiconductor MJE5852G Datasheet HTML 6Page - ON Semiconductor MJE5852G Datasheet HTML 7Page - ON Semiconductor MJE5852G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 7
1
Publication Order Number:
MJE5850/D
MJE5850, MJE5851,
MJE5852
Switch-mode Series PNP
Silicon Power Transistors
The MJE5850, MJE5851 and the MJE5852 transistors are designed
for high−voltage, high−speed, power switching in inductive circuits
where fall time is critical. They are particularly suited for line operated
switch−mode applications.
Features
Switching Regulators
Inverters
Solenoid and Relay Drivers
Motor Controls
Deflection Circuits
Fast Turn−Off Times
Operating Temperature Range −65 to +150_C
100_C Performance Specified for:
Reversed Biased SOA with Inductive Loads
Switching Times with Inductive Loads
Saturation Voltages
Leakage Currents
Complementary to the MJE13007 Series
These Devices are Pb−Free and are RoHS Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MJE5850
MJE5851
MJE5852
VCEO(sus)
300
350
400
Vdc
Collector−Emitter Voltage
MJE5850
MJE5851
MJE5852
VCEV
350
400
450
Vdc
Emitter Base Voltage
VEB
6.0
Vdc
Collector Current − Continuous (Note 1)
IC
8.0
Adc
Collector Current − Peak (Note 1)
ICM
16
Adc
Base Current − Continuous (Note 1)
IB
4.0
Adc
Base Current − Peak (Note 1)
IBM
8.0
Adc
Total Power Dissipation
@ TC = 25_C
Derate above 25
_C
PD
80
0.640
W
W/
_C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to 150
_C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle
≤ 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
8 AMPERE
PCP SILICON
POWER TRANSISTORS
300−350−400 VOLTS
80 WATTS
TO−220
CASE 221A−09
STYLE 1
1
www.onsemi.com
MARKING DIAGRAM
2
3
MJE585x =
Device Code
x = 0, 1, or 2
G
=
Pb−Free Package
A
=
Assembly Location
Y
=
Year
WW
=
Work Week
MJE585xG
AY WW
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
1
BASE
3
EMITTER
COLLECTOR
2, 4
4


유사한 부품 번호 - MJE5852G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MJE5852G ONSEMI-MJE5852G Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
More results

유사한 설명 - MJE5852G

제조업체부품명데이터시트상세설명
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com