전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744841330 데이터시트(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744841330
상세설명  WE-CMB NiZn Common Mode Power Line Choke
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744841330 데이터시트(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744841330_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744841330_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744841330_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744841330_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744841330_15 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.0
2.5
2.4
2.3
2.2
2.1
2.0
REV
2015-07-13
2015-02-16
2014-05-13
2014-04-07
2014-04-01
2014-02-01
2013-05-29
DATE
KaS
SSt
SSt
SSt
SSt
SSt
SSt
BY
HasA
HasA
SSt
HasA
HasA
SSt
HasA
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-CMB NiZn Common Mode Power Line
Choke
Order.- No.
744841330
SIZE
A4
Size: Type XS
F Typical Insertion Loss Characteristics:
Test Setup:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744841330_15

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744841330 WURTH-744841330 Datasheet
168Kb / 1P
   COMMON MODE CHOKE WE-CMB NiZn
logo
Dialog Semiconductor
744841330 DIALOG-744841330 Datasheet
488Kb / 7P
   Evaluation Board for 15W Single-Output Switch-Mode Power Supply
More results

유사한 설명 - 744841330_15

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744842816 WURTH-744842816 Datasheet
953Kb / 6P
   WE-CMB NiZn Common Mode Power Line Choke
001.001
744842632 WURTH-744842632 Datasheet
1Mb / 8P
   WE-CMB NiZn Common Mode Power Line Choke
001.002
744841330 WURTH-744841330 Datasheet
168Kb / 1P
   COMMON MODE CHOKE WE-CMB NiZn
744841247 WURTH-744841247 Datasheet
168Kb / 1P
   COMMON MODE CHOKE WE-CMB NiZn
744841414 WURTH-744841414 Datasheet
168Kb / 1P
   COMMON MODE CHOKE WE-CMB NiZn
744841210 WURTH-744841210 Datasheet
168Kb / 1P
   COMMON MODE CHOKE WE-CMB NiZn
744842311 WURTH-744842311 Datasheet
82Kb / 2P
   COMMON MODE CHOKE WE-CMB "NiZn"||" "481224
LED Array Holder for Citizen CLL040 and CLL050
744842932 WURTH-744842932 Datasheet
82Kb / 2P
   COMMON MODE CHOKE WE-CMB "NiZn"||" "481264
Automotive N-Channel 50 V (D-S) 175 째C MOSFET
7448421016 WURTH-7448421016 Datasheet
82Kb / 2P
   COMMON MODE CHOKE WE-CMB "NiZn"||" "499794
High current socket with PCB connection
744842565 WURTH-744842565 Datasheet
82Kb / 2P
   COMMON MODE CHOKE WE-CMB "NiZn"||" "481257
D Core Chokes
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com