전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

R5324K030-TR 데이터시트(HTML) 7 Page - RICOH electronics devices division

부품명 R5324K030-TR
상세내용  Supply Current Typ. 90uA (VR1, VR2, VR3)
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  RICOH [RICOH electronics devices division]
홈페이지  http://www.ricoh.com
Logo 

R5324K030-TR 데이터시트(HTML) 7 Page - RICOH electronics devices division

Zoom Inzoom in Zoom Outzoom out
/ 30 page
 7 / 30 page
background image
R5324x
7
VR2
Topt
=25°C
Symbol
Item
Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
VIN
−VOUT=1.0V
1mA <
= IOUT <
= 30mA
×0.98
×1.02
V
IOUT
Output Current
VIN
−VOUT=1.0V
150
mA
ΔVOUT/ΔIOUT
Load Regulation
VIN
−VOUT=1.0V
1mA <
= IOUT <
= 150mA
15
40
mV
VOUT
=1.5V
0.34
0.60
VOUT
=1.6V
0.32
0.56
VOUT
=1.7V
0.31
0.53
1.8V <
= VOUT <
= 2.0V
0.29
0.50
2.1V <
= VOUT <
= 2.7V
0.26
0.44
VDIF
Dropout Voltage
IOUT
=150mA
2.8V <
= VOUT <
= 4.0V
0.22
0.33
V
ISS
Supply Current
VIN
−VOUT=1.0V
90
120
μA
Istandby
Standby Current
VIN
−VOUT=1.0V, VCE=GND
0.1
1.0
μA
ΔVOUT/ΔVIN
Line Regulation
IOUT
=30mA,
VOUT+0.5V <
= VIN <
= 6.0V
(VOUT <
= 1.6V: 2.2V <
= VIN <
= 6.0V)
0.02
0.10
%/V
f
=1kHz
70
f
=10kHz
65
RR
Ripple Rejection
sinusoidal Ripple
0.5Vp-p
VIN
−VOUT=1.0V,
IOUT=30mA
∗VOUT <= 1.7V,
VIN
−VOUT=1.2V,
IOUT=30mA
f
=10kHz
(VOUT >
= 2.5V)
60
dB
VIN
Input Voltage
2
6
V
ΔVOUT/ΔTopt
Output Voltage
Temperature Coefficient
IOUT
=30mA
−40°C <= Topt <= 85°C
±100
ppm
/
°C
ISC
Short Current Limit
VOUT
=0V
40
mA
RPD
CE Pull-down Resistance
0.7
2.0
5.0
M
Ω
VCEH
CE Input Voltage "H"
1.5
6.0
V
VCEL
CE Input Voltage "L"
0
0.3
V
en
Output Noise
BW
=10Hz to 100kHz
30
μVrms
RLOW
On Resistance of Nch Tr.
for Auto-discharge
(Applied to B version)
VCE
=0V
50
Ω
*R5324D (SON-8) is the discontinued product. As of March in 2015.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn