전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5324K030-TR 데이터시트(PDF) 2 Page - RICOH electronics devices division

부품명 R5324K030-TR
상세설명  Supply Current Typ. 90uA (VR1, VR2, VR3)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICOH [RICOH electronics devices division]
홈페이지  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5324K030-TR 데이터시트(HTML) 2 Page - RICOH electronics devices division

  R5324K030-TR Datasheet HTML 1Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 2Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 3Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 4Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 5Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 6Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 7Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 8Page - RICOH electronics devices division R5324K030-TR Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
R5324x
2
BLOCK DIAGRAMS
R5324xxxxA
Error Amp.
Vref
Current Limit
VDD
CE1
CE2
CE3
VOUT1
VOUT2
VOUT3
GND
R1_1
R2_1
Error Amp.
Vref
Current Limit
R1_2
R2_2
Error Amp.
Vref
Current Limit
R1_3
R2_3
R5324xxxxB
Error Amp.
Vref
Current Limit
VDD
CE1
CE2
CE3
VOUT1
VOUT2
VOUT3
GND
R1_1
R2_1
Error Amp.
Vref
Current Limit
R1_2
R2_2
Error Amp.
Vref
Current Limit
R1_3
R2_3
*R5324D (SON-8) is the discontinued product. As of March in 2015.


유사한 부품 번호 - R5324K030-TR

제조업체부품명데이터시트상세설명
logo
RICOH electronics devic...
R5324D RICOH-R5324D Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D RICOH-R5324D Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001A RICOH-R5324D001A Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
R5324D001A RICOH-R5324D001A Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001A-TR RICOH-R5324D001A-TR Datasheet
251Kb / 28P
   CMOS 3CH-LDOs for RF Unit
More results

유사한 설명 - R5324K030-TR

제조업체부품명데이터시트상세설명
logo
RICOH electronics devic...
RP154 RICOH-RP154 Datasheet
552Kb / 33P
   300mA SMALL DUAL LDO REGULATOR
R5328K RICOH-R5328K_17 Datasheet
711Kb / 36P
   Supply Current (Low Power Mode) Typ. 2.0uA횞2 (VR1&VR2) (VOUT<2.0V)
R5326 RICOH-R5326 Datasheet
988Kb / 27P
   Supply Current (Low Power Mode) Typ. 5.5關A횞2 (VR1&VR2) (IOUT=0mA)
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com