전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS-BGA729A-31 데이터시트(PDF) 1 Page - Ironwood Electronics.

부품명 LS-BGA729A-31
상세설명  Materials and specifications are subject to change without notice
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRONWOOD [Ironwood Electronics.]
홈페이지  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA729A-31 데이터시트(HTML) 1 Page - Ironwood Electronics.

  LS-BGA729A-31 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description: Giga-snaP BGA SMT Land Socket
729 position BGA surface mount land pattern to terminal pins (1.27mm [0.050"] centers, 27x27 array)
Status: Released
Drawing: S.Natarajan
Scale: 3:1
Rev: A
Date: 5/23/05
Modified:
File: LS-BGA729A-31 Dwg
LS-BGA729A-31 Drawing
© 2005 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
1
Pins: material- Brass Alloy 360 1/2 hard; finish-
0.25µm [10µ"] Au over 1.27µm [50µ"] Ni (min.).
Substrate: 1.59mm ±0.18mm [0.0625" ±0.007"]
FR4/G10 or equivalent high temp material.
2
Top View
Side View
2
1
A
th
be
F
w
A
al
Ø 0.20mm [0.008"] ±0.0005"
1.68mm
[0.066"]
1.27mm typ.
3.76mm
[0.148"]
33.02mm
[1.300"]
35.00mm
[1.378"]
35.00mm
[1.378"]
0.99mm
[0.039"]
0.99mm
[0.039"]


유사한 부품 번호 - LS-BGA729A-31

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
LS-BGA724A-05 IRONWOOD-LS-BGA724A-05 Datasheet
126Kb / 1P
   Primary dimension units are millimeters
LS-BGA72B-31 IRONWOOD-LS-BGA72B-31 Datasheet
19Kb / 1P
   Materials and specifications are subject to change without notice
More results

유사한 설명 - LS-BGA729A-31

제조업체부품명데이터시트상세설명
logo
Ironwood Electronics.
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA144L-05 IRONWOOD-LS-BGA144L-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196E-05 IRONWOOD-LS-BGA196E-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1069A-05 IRONWOOD-LS-BGA1069A-05 Datasheet
76Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1392A-05 IRONWOOD-LS-BGA1392A-05 Datasheet
207Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196J-05 IRONWOOD-LS-BGA196J-05 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324M-05 IRONWOOD-LS-BGA324M-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA364B-05 IRONWOOD-LS-BGA364B-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA388B-05 IRONWOOD-LS-BGA388B-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1005A-B-32 IRONWOOD-SF-BGA1005A-B-32 Datasheet
99Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1024B-B-32F IRONWOOD-SF-BGA1024B-B-32F Datasheet
121Kb / 1P
   Materials and specifications are subject to change without notice
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com