전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD524AD 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD524AD
상세설명  Precision Instrumentation Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD524AD 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD524AD Datasheet HTML 5Page - Analog Devices AD524AD Datasheet HTML 6Page - Analog Devices AD524AD Datasheet HTML 7Page - Analog Devices AD524AD Datasheet HTML 8Page - Analog Devices AD524AD Datasheet HTML 9Page - Analog Devices AD524AD Datasheet HTML 10Page - Analog Devices AD524AD Datasheet HTML 11Page - Analog Devices AD524AD Datasheet HTML 12Page - Analog Devices AD524AD Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD524
Rev. F | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation
450 mW
Input Voltage1
(Either Input Simultaneously) |VIN| + |VS|
<36 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
(R)
–65°C to +125°C
(D, E)
–65°C to +150°C
Operating Temperature Range
AD524A/AD524B/AD524C
–25°C to +85°C
AD524S
–55°C to +125°C
Lead Temperature (Soldering, 60 sec)
+300°C
1 Maximum input voltage specification refers to maximum voltage to which
either input terminal may be raised with or without device power applied.
For example, with ±18 volt supplies maximum, VIN is ±18 V; with zero supply
voltage maximum, VIN is ±36 V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
RG1 16
–INPUT
1
+INPUT
2
RG2
3
4
INPUT
NULL
5
INPUT
NULL
6
REFERENCE
9
OUTPUT
8 +VS
7 –VS
SENSE
10
G = 1000
11
G = 100
12
G = 10
13
OUTPUT
NULL
14
OUTPUT
NULL
15
0.170 (4.33)
0.103
(2.61)
PAD NUMBERS CORRESPOND TO PIN NUMBERS FOR
THE D-16 AND RW-16 16-LEAD CERAMIC PACKAGES.
Figure 2. Metallization Photograph
Contact factory for latest dimensions;
Dimensions shown in inches and (mm)
CONNECTION DIAGRAMS
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
– INPUT
+ INPUT
INPUT NULL
INPUT NULL
REFERENCE
OUTPUT NULL
OUTPUT NULL
G = 10
G = 100
G = 1000
SENSE
OUTPUT
AD524
RG2
RG1
–VS
–VS
+VS
+VS
SHORT TO
RG2 FOR
DESIRED
GAIN
415
514
OUTPUT
OFFSET NULL
INPUT
OFFSET NULL
TOP VIEW
(Not to Scale)
Figure 3. Ceramic (D) and
SOIC (RW-16 and D-16) Packages
SHORT TO
RG2 FOR
DESIRED
GAIN
4
RG2
5
INPUT NULL
6
NC
7
INPUT NULL
8
REFERENCE
18
OUTPUT NULL
17
G = 10
16
NC
15
G = 100
14
G = 1000
19
20
1
2
3
13
12
11
10
9
NC = NO CONNECT
AD524
TOP VIEW
(Not to Scale)
+VS
–VS
INPUT
OFFSET NULL
OUTPUT
OFFSET NULL
719
518
Figure 4. Leadless Chip Carrier (E)
ESD CAUTION


유사한 부품 번호 - AD524AD

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD524AD AD-AD524AD Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
AD524AD AD-AD524AD Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524AD AD-AD524AD Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524AD AD-AD524AD Datasheet
583Kb / 25P
   Precision Instrumentation Amplifier
logo
List of Unclassifed Man...
AD524AD ETC2-AD524AD Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - AD524AD

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com