전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD524AR-16 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD524AR-16
상세설명  Precision Instrumentation Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD524AR-16 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD524AR-16 Datasheet HTML 2Page - Analog Devices AD524AR-16 Datasheet HTML 3Page - Analog Devices AD524AR-16 Datasheet HTML 4Page - Analog Devices AD524AR-16 Datasheet HTML 5Page - Analog Devices AD524AR-16 Datasheet HTML 6Page - Analog Devices AD524AR-16 Datasheet HTML 7Page - Analog Devices AD524AR-16 Datasheet HTML 8Page - Analog Devices AD524AR-16 Datasheet HTML 9Page - Analog Devices AD524AR-16 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
AD524
Rev. F | Page 5 of 28
AD524A
AD524B
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
TEMPERATURE RANGE
Specified Performance
–25
+85
–25
+85
°C
Storage
–65
+150
–65
+150
°C
POWER SUPPLY
Power Supply Range
±6
±15
±18
±6
±15
±18
V
Quiescent Current
3.5
5.0
3.5
5.0
mA
1 Does not include effects of external resistor, RG.
2 VOL is the maximum differential input voltage at G = 1 for specified nonlinearity.
VDL at the maximum = 10 V/G.
VD = actual differential input voltage.
Example: G = 10, VD = 0.50.
VCM = 12 V − (10/2 × 0.50 V) = 9.5 V.
@ VS = ±15 V, RL = 2 kΩ and TA = +25°C, unless otherwise noted.
All min and max specifications are guaranteed. Specifications shown in boldface are tested on all production units at the final electrical
test. Results from those tests are used to calculate outgoing quality levels.
Table 2.
AD524C
AD524S
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
Gain Equation (External Resistor Gain Programming)
%
20
1
000
,
40
±
+
G
R
%
20
1
000
,
40
±
+
G
R
Gain Range (Pin Programmable)
1 to 1000
1 to 1000
Gain Error1
G = 1
±0.02
±0.05
%
G = 10
±0.1
±0.25
%
G = 100
±0.25
±0.5
%
G = 1000
±0.5
±2.0
%
Nonlinearity
G = 1
±0.003
±0.01
%
G = 10, G = 100
±0.003
±0.01
%
G = 1000
±0.01
±0.01
%
Gain vs. Temperature
G = 1
5
5
ppm/°C
G = 10
10
10
ppm/°C
G = 100
25
25
ppm/°C
G = 1000
50
50
ppm/°C
VOLTAGE OFFSET (May be Nulled)
Input Offset Voltage
50
100
μV
vs. Temperature
0.5
2.0
μV/°C
Output Offset Voltage
2.0
3.0
mV
vs. Temperature
25
50
μV
Offset Referred to the Input vs. Supply
G = 1
80
75
dB
G = 10
100
95
dB
G = 100
110
105
dB
G = 1000
115
110
dB


유사한 부품 번호 - AD524AR-16

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD524AR-16 AD-AD524AR-16 Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
AD524AR-16 AD-AD524AR-16 Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524AR-16 AD-AD524AR-16 Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524AR-16 AD-AD524AR-16 Datasheet
583Kb / 25P
   Precision Instrumentation Amplifier
AD524AR-16-REEL AD-AD524AR-16-REEL Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
More results

유사한 설명 - AD524AR-16

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com