전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8220WARMZ 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD8220WARMZ
상세설명  JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8220WARMZ 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD8220WARMZ Datasheet HTML 6Page - Analog Devices AD8220WARMZ Datasheet HTML 7Page - Analog Devices AD8220WARMZ Datasheet HTML 8Page - Analog Devices AD8220WARMZ Datasheet HTML 9Page - Analog Devices AD8220WARMZ Datasheet HTML 10Page - Analog Devices AD8220WARMZ Datasheet HTML 11Page - Analog Devices AD8220WARMZ Datasheet HTML 12Page - Analog Devices AD8220WARMZ Datasheet HTML 13Page - Analog Devices AD8220WARMZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
AD8220
Rev. B | Page 9 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
TOP VIEW
(Not to Scale)
–IN
1
RG 2
RG 3
+IN
4
+VS
8
VOUT
7
REF
6
–VS
5
AD8220
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN
Negative Input Terminal (True Differential Input)
2, 3
RG
Gain Setting Terminals (Place Resistor Across the RG Pins)
4
+IN
Positive Input Terminal (True Differential Input)
5
−VS
Negative Power Supply Terminal
6
REF
Reference Voltage Terminal (Drive This Terminal with a Low Impedance Voltage Source to Level-Shift the Output)
7
VOUT
Output Terminal
8
+VS
Positive Power Supply Terminal


유사한 부품 번호 - AD8220WARMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8220WARMZ AD-AD8220WARMZ Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220WARMZ-R7 AD-AD8220WARMZ-R7 Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
AD8220WARMZ-RL AD-AD8220WARMZ-RL Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
More results

유사한 설명 - AD8220WARMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8220 AD-AD8220 Datasheet
1Mb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. 0
AD8220ARMZ AD-AD8220ARMZ Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier with Rail-to-Rail Output in MSOP Package
REV. B
logo
Linear Technology
LTC6800 LINER-LTC6800_15 Datasheet
1Mb / 14P
   Rail-to-Rail, Input and Output, Instrumentation Amplifier
logo
Analog Devices
AD8224 AD-AD8224_07 Datasheet
864Kb / 28P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
REV. 0
AD8224 AD-AD8224_16 Datasheet
763Kb / 29P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
AD8224ACPZ-R7 AD-AD8224ACPZ-R7 Datasheet
838Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. B
AD8224 AD-AD8224_15 Datasheet
720Kb / 28P
   Precision, Dual-Channel, JFET Input, Rail-to-Rail Instrumentation Amplifier
REV. C
AD8224 AD-AD8224 Datasheet
1Mb / 27P
   Precision, Dual-Channel, JFET Input Rail-to-Rail Instrumentation Amplifier
Rev. PrB
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com