전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8420ARMZ 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD8420ARMZ
상세설명  Wide Supply Range, Micropower, Rail-to-Rail Instrumentation Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8420ARMZ 데이터시트(HTML) 1 Page - Analog Devices

  AD8420ARMZ Datasheet HTML 1Page - Analog Devices AD8420ARMZ Datasheet HTML 2Page - Analog Devices AD8420ARMZ Datasheet HTML 3Page - Analog Devices AD8420ARMZ Datasheet HTML 4Page - Analog Devices AD8420ARMZ Datasheet HTML 5Page - Analog Devices AD8420ARMZ Datasheet HTML 6Page - Analog Devices AD8420ARMZ Datasheet HTML 7Page - Analog Devices AD8420ARMZ Datasheet HTML 8Page - Analog Devices AD8420ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Wide Supply Range, Micropower,
Rail-to-Rail Instrumentation Amplifier
Data Sheet
AD8420
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Maximum supply current: 90 μA
Minimum CMRR: 100 dB
Drives heavy capacitive loads: ~700 pF
Rail-to-rail output
Input voltage range goes below ground
Gain set with 2 external resistors
Can achieve low gain drift at any gain
Very wide power supply range
Single supply: 2.7 V to 36 V
Dual supply: ±2.7 V to ±18 V
Bandwidth (G = 100): 2.5 kHz
Input voltage noise: 55 nV/√Hz
High dc precision
Maximum offset voltage: 125 μV
Maximum offset drift: 1 μV/°C
Maximum differential input voltage: ±1 V
8-lead MSOP package
APPLICATIONS
Bridge amplifiers
Pressure measurement
Medical instrumentation
Portable data acquisition
Multichannel systems
PIN CONFIGURATION
NC
1
+IN
2
–IN
3
–VS 4
VOUT
8
FB
7
REF
6
+VS
5
AD8420
TOP VIEW
(Not to Scale)
+
+
Figure 1.
Table 1. Instrumentation Amplifiers by Category1
General
Purpose
Zero Drift
Military
Grade
Low
Power
Digital
Gain
AD8221, AD8222
AD8231
AD620
AD8420
AD8250
AD8220, AD8224
AD8290
AD621
AD8235
AD8251
AD8236
AD8226, AD8227
AD8293G80,
AD8293G160
AD524
AD627
AD8253
AD8228
AD8553
AD526
AD8226
AD8231
AD8227
AD8295, AD8224
AD8556
AD624
AD623
AD8557
AD8223
1 See www.analog.com for the latest instrumentation amplifiers.
GENERAL DESCRIPTION
The AD8420 is a low cost, micropower, wide supply range,
instrumentation amplifier with a rail-to-rail output and a novel
architecture that allows for extremely flexible design. It is optimized
to amplify small differential voltages in the presence of large
common-mode signals.
The AD8420 is based on an indirect current feedback architecture
that gives it an excellent input common-mode range. Unlike
conventional instrumentation amplifiers, the AD8420 can easily
amplify signals at or even slightly below ground without requiring
dual supplies. The AD8420 has rail-to-rail output, and the output
voltage swing is completely independent of the input common-
mode voltage.
Single-supply operation, micropower current consumption, and
rail-to-rail output swing make the AD8420 ideal for battery-
powered applications. Its rail-to-rail output stage maximizes
dynamic range when operating from low supply voltages. Dual-
supply operation (±15 V) and low power consumption make
the AD8420 ideal for a wide variety of applications in medical
or industrial instrumentation.
The AD8420 is available in an 8-lead MSOP package. Performance
is specified over the full temperature range of −40°C to +85°C,
and the device is operational from −40°C to +125°C.


유사한 부품 번호 - AD8420ARMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8420ARMZ AD-AD8420ARMZ Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420ARMZ AD-AD8420ARMZ Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
AD8420ARMZ-R7 AD-AD8420ARMZ-R7 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8420ARMZ-R7 AD-AD8420ARMZ-R7 Datasheet
529Kb / 28P
   Wide Supply Range, Micropower,
REV. 0
AD8420ARMZ-RL AD-AD8420ARMZ-RL Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
More results

유사한 설명 - AD8420ARMZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
logo
Texas Instruments
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8227 AD-AD8227 Datasheet
657Kb / 24P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8420 AD-AD8420 Datasheet
256Kb / 10P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com