전자부품 데이터시트 검색엔진 |
|
AD8422 데이터시트(PDF) 7 Page - Analog Devices |
|
AD8422 데이터시트(HTML) 7 Page - Analog Devices |
7 / 25 page AD8422 Data Sheet Parameter Test Conditions/ Comments AD8422ARMZ AD8422BRMZ Unit Min Typ Max Min Typ Max Offset RTI vs. Supply (PSR) VS = ±2.3 V to ±18 V G = 1 90 110 100 120 dB G = 10 110 130 120 140 dB G = 100 124 150 140 160 dB G = 1000 130 150 140 160 dB INPUT CURRENT Input Bias Current VS = ±2.3 V to ±15 V 0.5 1 0.2 0.5 nA Over Temperature T = −40°C to +85°C 2 1 nA Average Temperature Coefficient 4 4 pA/°C Input Offset Current VS = ±2.3 V to ±15 V 0.2 0.3 0.1 0.15 nA Over Temperature T = −40°C to +85°C 0.8 0.3 nA Average Temperature Coefficient 1 1 pA/°C REFERENCE INPUT RIN 20 20 kΩ IIN VIN+, VIN−, VREF = 0 V 35 50 35 50 µA Voltage Range −VS +VS −VS +VS V Gain to Output 1 1 V/V DYNAMIC RESPONSE Small Signal −3 dB Bandwidth G = 1 2200 2200 kHz G = 10 850 850 kHz G = 100 120 120 kHz G = 1000 12 12 kHz Settling Time 0.01% 10 V step G = 1 13 13 µs G = 10 13 13 µs G = 100 12 12 µs G = 1000 80 80 µs Settling Time 0.001% 10 V step G = 1 15 15 µs G = 10 15 15 µs G = 100 15 15 µs G = 1000 160 160 µs Slew Rate G = 1 to 100 0.8 0.8 V/µs GAIN3 G = 1 + (19.8 kΩ/RG) Gain Range 1 1000 1 1000 V/V Gain Error VOUT ± 10 V G = 1 0.03 0.01 % G = 10 0.2 0.04 % G = 100 0.2 0.04 % G = 1000 0.2 0.04 % Gain Nonlinearity VOUT = −10 V to +10 V G = 1 RL = 2 kΩ 0.5 5 0.5 5 ppm G = 10 2 5 2 5 ppm G = 100 4 10 4 10 ppm G = 1000 10 20 10 20 ppm Gain vs. Temperature G = 1 5 1 ppm/°C G > 1 −80 −80 ppm/°C Rev. A | Page 6 of 24 |
유사한 부품 번호 - AD8422_16 |
|
유사한 설명 - AD8422_16 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |