전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74437334010 데이터시트(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 74437334010
상세설명  WE-LHMI SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74437334010 데이터시트(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74437334010 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437334010 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437334010 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437334010 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437334010 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74437334010 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1.3
1.2
1.1
1.0
REV
2015-05-18
2014-09-04
2014-09-02
2014-06-03
DATE
SSt
SSt
SSt
SSt
BY
DDe
DDe
DDe
DDe
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-LHMI SMD Power Inductor
Order.- No.
74437334010
SIZE
A4
Size: 5020
A Dimensions: [mm]
Reference on drawing
Marking
Description
1R0 (Inductance Code)
B Recommended land pattern: [mm]
C Schematic:
D Electrical Properties:
Properties
Inductance
Rated current
Saturation current
DC Resistance
DC Resistance
Self resonant frequency
Test conditions
100 kHz/ 10 mA
∆T = 40 K
|ΔL/L| < 20%
@ 20°C
@ 20°C
L
IR
Isat
RDC
RDC
fres
Value
1.0
5.3
13.9
17.5
20.0
65
Unit
µH
A
A
MHz
Tol.
±20%
max.
typ.
typ.
max.
typ.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +85°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -20°C to +40°C; 75% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 74437334010

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
74437334012 WURTH-74437334012 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437334015 WURTH-74437334015 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
More results

유사한 설명 - 74437334010

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744373680036 WURTH-744373680036 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
744373680056 WURTH-744373680056 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437346018 WURTH-74437346018 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
744373770068 WURTH-744373770068 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437349056 WURTH-74437349056 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437349082 WURTH-74437349082 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437368022 WURTH-74437368022 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437368100 WURTH-74437368100 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437324015 WURTH-74437324015 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437324220 WURTH-74437324220_15 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
74437356047 WURTH-74437356047 Datasheet
1Mb / 6P
   WE-LHMI SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com