전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14002BCP 데이터시트(PDF) 8 Page - Motorola, Inc

부품명 MC14002BCP
상세설명  B-Suffix Series CMOS Gates
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOTOROLA [Motorola, Inc]
홈페이지  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14002BCP 데이터시트(HTML) 8 Page - Motorola, Inc

Back Button MC14002BCP Datasheet HTML 3Page - Motorola, Inc MC14002BCP Datasheet HTML 4Page - Motorola, Inc MC14002BCP Datasheet HTML 5Page - Motorola, Inc MC14002BCP Datasheet HTML 6Page - Motorola, Inc MC14002BCP Datasheet HTML 7Page - Motorola, Inc MC14002BCP Datasheet HTML 8Page - Motorola, Inc MC14002BCP Datasheet HTML 9Page - Motorola, Inc MC14002BCP Datasheet HTML 10Page - Motorola, Inc MC14002BCP Datasheet HTML 11Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MOTOROLA CMOS LOGIC DATA
MC14001B
14
TYPICAL B–SERIES GATE CHARACTERISTICS
N–CHANNEL DRAIN CURRENT
(SINK)
P–CHANNEL DRAIN CURRENT
(SOURCE)
– 40
°C
+ 85
°C
+ 125
°C
Figure 2. VGS = 5.0 Vdc
Figure 3. VGS = – 5.0 Vdc
1.0
3.0
5.0
4.0
2.0
0
1.0
3.0
5.0
4.0
2.0
0
VDS, DRAIN–TO–SOURCE VOLTAGE (Vdc)
– 1.0
0
0
TA = – 55°C
Figure 4. VGS = 10 Vdc
Figure 5. VGS = – 10 Vdc
16
14
12
10
8.0
6.0
4.0
2.0
0
5.0
3.0
1.0
10
8.0
6.0
4.0
2.0
0
0
0
Figure 6. VGS = 15 Vdc
Figure 7. VGS = – 15 Vdc
0
0
0
0
– 40
°C
+ 25
°C
+ 85
°C
+ 125
°C
– 1.0
– 3.0
– 5.0
– 4.0
– 2.0
VDS, DRAIN–TO–SOURCE VOLTAGE (Vdc)
TA = – 55°C
+ 25
°C
TA = – 55°C
– 40
°C
+ 25
°C
+ 85
°C
+ 125
°C
VDS, DRAIN–TO–SOURCE VOLTAGE (Vdc)
VDS, DRAIN–TO–SOURCE VOLTAGE (Vdc)
VDS, DRAIN–TO–SOURCE VOLTAGE (Vdc)
VDS, DRAIN–TO–SOURCE VOLTAGE (Vdc)
TA = – 55°C
– 40
°C
+ 25
°C
+ 85
°C
+ 125
°C
18
20
9.0
7.0
– 5.0
– 3.0
– 1.0
– 10
– 8.0
– 6.0
– 4.0
– 2.0
– 9.0
– 7.0
– 40
– 35
– 30
– 25
– 20
– 15
– 10
– 5.0
– 45
– 50
10
6.0
2.0
20
16
12
8.0
4.0
18
14
TA = – 55°C
– 40
°C
+ 25
°C
+ 85
°C
– 10
– 6.0
– 2.0
– 20
– 16
– 12
– 8.0
– 4.0
– 18
– 14
– 80
– 70
– 60
– 50
– 40
– 30
– 20
– 10
– 90
– 100
40
35
30
25
20
15
10
5.0
45
50
TA = – 55°C
– 40
°C
+ 25
°C
+ 85
°C
– 2.0
– 3.0
– 4.0
– 5.0
– 6.0
– 7.0
– 8.0
– 9.0
– 10
+ 125
°C
+ 125
°C
These typical curves are not guarantees, but are design aids.
Caution: The maximum rating for output current is 10 mA per pin.


유사한 부품 번호 - MC14002BCP

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC14000UB MOTOROLA-MC14000UB Datasheet
191Kb / 5P
   Dual 3-Input NOR Gate Plus Inverter
MC14000UBCL MOTOROLA-MC14000UBCL Datasheet
191Kb / 5P
   Dual 3-Input NOR Gate Plus Inverter
MC14000UBCP MOTOROLA-MC14000UBCP Datasheet
191Kb / 5P
   Dual 3-Input NOR Gate Plus Inverter
MC14000UBD MOTOROLA-MC14000UBD Datasheet
191Kb / 5P
   Dual 3-Input NOR Gate Plus Inverter
logo
ON Semiconductor
MC14001 ONSEMI-MC14001 Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
More results

유사한 설명 - MC14002BCP

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14001B ONSEMI-MC14001B Datasheet
134Kb / 12P
   B-SUFFIX SERIES CMOS GATES
February, 2005 ??Rev. 4
MC14011BDG ONSEMI-MC14011BDG Datasheet
164Kb / 12P
   B-Suffix Series CMOS Gates
April, 2013 ??Rev. 10
MC14001B ONSEMI-MC14001B Datasheet
261Kb / 12P
   B-Suffix Series CMOS Gates
February, 2005 ??Rev. 4
MC14001B ONSEMI-MC14001B_14 Datasheet
135Kb / 11P
   B-Suffix Series CMOS Gates
July, 2014 ??Rev. 11
MC14012B ONSEMI-MC14012B Datasheet
177Kb / 8P
   B-Suffix Series CMOS Gates
April, 2000 ??Rev. 3
MC14001BDG ONSEMI-MC14001BDG Datasheet
171Kb / 14P
   B-Suffix Series CMOS Gates
October, 2006 ??Rev. 6
MC14001UB ONSEMI-MC14001UB Datasheet
216Kb / 8P
   UB-Suffix Series CMOS Gates
February, 2005 ??Rev. 5
MC14001UB ONSEMI-MC14001UB_09 Datasheet
194Kb / 7P
   UB-Suffix Series CMOS Gates
September, 2009 ??Rev. 7
MC14001UB ONSEMI-MC14001UB_14 Datasheet
144Kb / 6P
   UB-Suffix Series CMOS Gates
July, 2014 ??Rev. 10
MC14001B ONSEMI-MC14001B_06 Datasheet
195Kb / 14P
   B?뭆uffix Series CMOS Gates
October, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com