전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP2985LV 데이터시트(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LP2985LV
상세설명  Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985LV 데이터시트(HTML) 6 Page - National Semiconductor (TI)

Back Button LP2985LV Datasheet HTML 2Page - National Semiconductor (TI) LP2985LV Datasheet HTML 3Page - National Semiconductor (TI) LP2985LV Datasheet HTML 4Page - National Semiconductor (TI) LP2985LV Datasheet HTML 5Page - National Semiconductor (TI) LP2985LV Datasheet HTML 6Page - National Semiconductor (TI) LP2985LV Datasheet HTML 7Page - National Semiconductor (TI) LP2985LV Datasheet HTML 8Page - National Semiconductor (TI) LP2985LV Datasheet HTML 9Page - National Semiconductor (TI) LP2985LV Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Typical Performance Characteristics Unless otherwise specified: C
IN = 1µF, COUT = 4.7µF,
V
IN =VOUT(NOM) +1, VOUT = 1.8V, TA = 25˚C, ON/OFF pin is tied to VIN
V
OUT vs Temperature
Short-Circuit Current
10129507
10129516
Short-Circuit Current
Short-Circuit Current vs Output Voltage
10129517
10129518
Ripple Rejection
COUT = 4.7µF, Bypass = 10nF
Ripple Rejection
COUT = 4.7µF, No Bypass
10129525
10129526
www.national.com
6


유사한 부품 번호 - LP2985LV

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LP2985LV TI-LP2985LV Datasheet
260Kb / 15P
[Old version datasheet]   150-mA LOW-NOISE, LOW-DROPOUT REGULATOR WITH SHUTDOWN FOR OUTPUT VOLTAGES<2.3V
logo
National Semiconductor ...
LP2985LV NSC-LP2985LV Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2985LV-N TI-LP2985LV-N Datasheet
1Mb / 22P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
More results

유사한 설명 - LP2985LV

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LP2985LV_0406 NSC-LP2985LV_0406 Datasheet
923Kb / 17P
   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications
logo
Texas Instruments
LP2985LV-N TI1-LP2985LV-N Datasheet
1Mb / 21P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23
LP2985 TI1-LP2985 Datasheet
480Kb / 22P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and micro SMD Packages Designed for Use with Very Low ESR Output Capacitors
LP2985AIM5X-2.0 TI-LP2985AIM5X-2.0 Datasheet
1Mb / 22P
[Old version datasheet]   LP2985LV-N Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and DSBGA packages for Applications with Output Voltages 2.0V
LP2985IM5-33 TI1-LP2985IM5-33 Datasheet
1Mb / 33P
[Old version datasheet]   LP2985-N Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23
LP2985LV TI1-LP2985LV Datasheet
420Kb / 18P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator in SOT-23 and micro SMD packages for Applications with Output Voltages 2.0V Designed for Use with Very Low EESR Output Capacitors
LP2992 TI1-LP2992_15 Datasheet
1Mb / 35P
[Old version datasheet]   Micropower 250-mA Low-Noise Ultralow-Dropout Regulator in SOT-23
LP2985IM5-4.5 TI1-LP2985IM5-4.5 Datasheet
1Mb / 36P
[Old version datasheet]   Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and DSBGA Packages Designed for Use with Very Low ESR Output Capacitors
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
National Semiconductor ...
LP2967 NSC-LP2967 Datasheet
612Kb / 17P
   Dual Micropower 150 mA Low-Dropout Regulator in micro SMD Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com