전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMG2A 데이터시트(PDF) 1 Page - Rohm

부품명 FMG2A
상세설명  Emitter common (dual digital transistors)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

FMG2A 데이터시트(HTML) 1 Page - Rohm

  FMG2A Datasheet HTML 1Page - Rohm FMG2A Datasheet HTML 2Page - Rohm FMG2A Datasheet HTML 3Page - Rohm FMG2A Datasheet HTML 4Page - Rohm FMG2A Datasheet HTML 5Page - Rohm FMG2A Datasheet HTML 6Page - Rohm FMG2A Datasheet HTML 7Page - Rohm FMG2A Datasheet HTML 8Page - Rohm FMG2A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EMG2 / UMG2N / FMG2A
Emitter common (dual digital transistors)
Datasheet
l
lOutline
Parameter
DTr1 and DTr2
SOT-553
SOT-353
VCC
50V
 
 
 
 
IC(MAX.)
100mA
R1
47kΩ
EMG2
UMG2N
R2
47kΩ
(EMT5)
(UMT5)
SOT-25
                     
l
lFeatures
 
 
 
 
1)Two DTC144E chips in a EMT or UMT or
  SMT package.
2)Mounting cost and area can be cut in half.
 
 
 
 
FMG2A
 
(SMT5)
 
                     
l
lInner circuit
EMG2 / UMG2N
FMG2A
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
     
     
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
EMG2
SOT-553
(EMT5)
1616
T2R
180
8
8000
G2
UMG2N
SOT-353
(UMT5)
2021
TR
180
8
3000
G2
FMG2A
SOT-25
(SMT5)
2928
T148
180
8
3000
G2
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/7
20151001 - Rev.002


유사한 부품 번호 - FMG2A

제조업체부품명데이터시트상세설명
logo
Rohm
FMG2A ROHM-FMG2A Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG2A ROHM-FMG2A Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMG2A ROHM-FMG2A Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMG2AT148 ROHM-FMG2AT148 Datasheet
473Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors
More results

유사한 설명 - FMG2A

제조업체부품명데이터시트상세설명
logo
Rohm
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
EMA5 ROHM-EMA5 Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
UMA2N ROHM-UMA2N Datasheet
73Kb / 3P
   Emitter common (dual digital transistors)
UMG2N ROHM-UMG2N Datasheet
71Kb / 3P
   Emitter common (dual digital transistors)
FMG5A ROHM-FMG5A Datasheet
72Kb / 4P
   Emitter common (dual digital transistors)
logo
Unisonic Technologies
UG4J UTC-UG4J_07 Datasheet
103Kb / 2P
   EMITTER COMMON (DUAL DIGITAL TRANSISTORS)
logo
Rohm
EMS1 ROHM-EMS1 Datasheet
42Kb / 3P
   Emitter common (dual digital transistors)
UMG3N ROHM-UMG3N Datasheet
67Kb / 3P
   Emitter common (dual digital transistors)
UMA7N ROHM-UMA7N Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com