전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESX10-TB-122DC24V-1A-E 데이터시트(PDF) 3 Page - ETAL Group

부품명 ESX10-TB-122DC24V-1A-E
상세설명  Selective load protection, electronic trip characteristics
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETAL [ETAL Group]
홈페이지  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX10-TB-122DC24V-1A-E 데이터시트(HTML) 3 Page - ETAL Group

  ESX10-TB-122DC24V-1A-E Datasheet HTML 1Page - ETAL Group ESX10-TB-122DC24V-1A-E Datasheet HTML 2Page - ETAL Group ESX10-TB-122DC24V-1A-E Datasheet HTML 3Page - ETAL Group ESX10-TB-122DC24V-1A-E Datasheet HTML 4Page - ETAL Group ESX10-TB-122DC24V-1A-E Datasheet HTML 5Page - ETAL Group ESX10-TB-122DC24V-1A-E Datasheet HTML 6Page - ETAL Group ESX10-TB-122DC24V-1A-E Datasheet HTML 7Page - ETAL Group ESX10-TB-122DC24V-1A-E Datasheet HTML 8Page - ETAL Group ESX10-TB-122DC24V-1A-E Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.e-t-a.de
Electronic Circuit Protector ESX10-T.-DC 24 V
1642
3
4
Electronic Circuit Protector ESX10-T.-DC 24 V
Ordering information
Ordering configuration for ATEX versions: ...-E
Type No.
ESX10 Electronic Circuit Protector, with current limitation
Mounting and design
TA rail mounting, without signal contact
TB rail mounting, with signal contact and slot
for busbars and jumpers
TD rail mounting, with signal contact and
switch for 3-step current rating adjustment
Version
1
standard, without physical isolation in the event of a failure
Signal input
0
without signal input
1
with control input IN+, only ESX10-T-114
2
with reset input RE, only ESX10-T-124, ESX10-T-127
Signal outputs
0
without signal output (only ESX10-TA)
1
signal contact N/O
2
signal contact N/C
4
status output SF
(only ESX10-T-114, ESX10-T-124)
7
inverse status output SF
(only ESX10-T-127
Operating voltage
DC 24 V rated voltage DC 24 V
Current rating
0.5 A
1 A
2 A
3 A
4 A
6 A
8 A
10 A
12 A
16 A (only ESX10-TB-101)
0.5/1/2 A adjustable (only ESX10-TD-...-X278)
2/4/6 A adjustable (only ESX10-TD-...-X279)
6/8/10 A adjustable (only ESX10-TD-...-X280)
2/3/4 A adjustable (only ESX10-TD-101-...-X282)
ESX10 - TA 1
0
0 - DC 24 V -6 A
ordering example
l
The user should ensure that the cable cross sections of the relevant
load circuit are suitable for the current rating of the ESX10-T used.
l
Automatic start-up of machinery after shut down must be prevented
(Machinery Directive 98/37/EG and EN 60204-1). In the event of
a short circuit or overload the load circuit will be disconnected
electronically by the ESX10-T.
Attention!
Please see separate data sheet for ESX10-TB-101-DC 24 V-16 A.
Description of ESX10-T signal inputs and outputs see wiring
diagrams.
Table 1: voltage drop, current limitation, max. load current
Notes
current
rating IN
typically voltage
drop UON at IN
active current
limitation ILimit
(typically)
max. load current at
100% ON duty
Ta = 40 ° C
Ta = 50 ° C
0.5 A
70 mV
1.8 x IN
0.5 A
0.5 A
1 A
80 mV
1.8 x IN
1 A
1 A
2 A
130 mV
1.8 x IN
2 A
2 A
3 A
80 mV
1.8 x IN
3 A
3 A
4 A
100 mV
1.8 x IN
4 A
4 A
6 A
130 mV
1.8 x IN
6 A
5 A
8 A
120 mV
1.5 x IN
8 A
7 A
10 A
150 mV
1.5 x IN
10 A
9 A
12 A
180 mV
1.3 x IN
12 A
10,8 A
[0.5/1/2 A]
70/80/130 mV
1.4 x IN
0.5/1/2 A
0.5/1/2 A
[2/3/4 A]
130/80/100 mV
1.4 x IN
2/3/4 A
2/3/4 A
[2/4/6 A]
130/100/130 mV
1.4 x IN
2/4/6 A
2/4/5 A
[6/8/10 A]
130/120/150 mV
1.4 x IN
6/8/10 A
5/7/9 A
Attention:
when mounted side-by-side without convection the ESX10-T should not carry
more than 80 % of its rated load with 100 % ON duty due to thermal effects.
Preferred types
Standard current ratings (A)
ESX10-TA/TB
0.5
1
2
3
4
6
8
10
12
0.5 / 1 / 2
2 / 4 / 6 6 / 8 / 10
ESX10-TA-100-DC24V-
x
x
x
x
x
x
x
x
x
ESX10-TB-101-DC24V-
x
x
x
x
x
x
x
x
x
ESX10-TD
0.5
1
2
3
4
6
8
10
12
0.5 / 1 / 2
2 / 4 / 6 6 / 8 / 10
ESX10-TD-101-DC24V-
x
x
x
Preferred types
Type No.
ESX10 Electronic Circuit Protector, with current limitation
Mounting and design
TA rail mounting, without signal contact
TB rail mounting, with signal contact and slot
for busbars and jumpers
Version
1 standard, without physical isolation
Signal input
0 without signal input
1 with control input IN+
2 with reset input RE,
Signal outputs
0
without signal output
1
signal contact N/O
2
signal contact N/C
4
status output SF
7
inverse status output SF
Operating voltage
DC 24 V rated voltage DC 24 V
Current rating
0.5...12 A
Approvals
E ATEX
ESX10 - TB-1
0 1- DC 24 V- 6 A -E Ordering information


유사한 부품 번호 - ESX10-TB-122DC24V-1A-E

제조업체부품명데이터시트상세설명
logo
ETAL Group
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-10A-E ETAL-ESX10-TC-114-DC12V-10A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-1A-E ETAL-ESX10-TC-114-DC12V-1A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-2A-E ETAL-ESX10-TC-114-DC12V-2A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-3A-E ETAL-ESX10-TC-114-DC12V-3A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
More results

유사한 설명 - ESX10-TB-122DC24V-1A-E

제조업체부품명데이터시트상세설명
logo
ETAL Group
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-S ETAL-ESX10-S Datasheet
303Kb / 6P
   Selective load protection, electronic trip curve
logo
Altech corporation
3DU5 ALTECH-3DU5 Datasheet
153Kb / 3P
   D-TRIP CHARACTERISTICS
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
   Electronic Trip Unit
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
   DC Electronic Load
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
   BenchVue Electronic Load App
logo
ITECH ELECTRONIC CO.,LT...
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
   Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com