전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESX10-TB-127DC24V-2A-E 데이터시트(PDF) 10 Page - ETAL Group

부품명 ESX10-TB-127DC24V-2A-E
상세설명  Selective load protection, electronic trip characteristics
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETAL [ETAL Group]
홈페이지  http://www.etalgroup.com
Logo ETAL - ETAL Group

ESX10-TB-127DC24V-2A-E 데이터시트(HTML) 10 Page - ETAL Group

Back Button ESX10-TB-127DC24V-2A-E Datasheet HTML 6Page - ETAL Group ESX10-TB-127DC24V-2A-E Datasheet HTML 7Page - ETAL Group ESX10-TB-127DC24V-2A-E Datasheet HTML 8Page - ETAL Group ESX10-TB-127DC24V-2A-E Datasheet HTML 9Page - ETAL Group ESX10-TB-127DC24V-2A-E Datasheet HTML 10Page - ETAL Group ESX10-TB-127DC24V-2A-E Datasheet HTML 11Page - ETAL Group ESX10-TB-127DC24V-2A-E Datasheet HTML 12Page - ETAL Group ESX10-TB-127DC24V-2A-E Datasheet HTML 13Page - ETAL Group ESX10-TB-127DC24V-2A-E Datasheet HTML 14Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Electronic Circuit Protector ESX10-T.-DC 24 V / Installation guidelines and safety instructions
www.e-t-a.de
Electronic Circuit Protector ESX10-T.-DC 24 V / Installation guidelines and safety instructions
1642
10
4
power supply
DC 24 V
+24V
0V
- line entry
load
+-
+-
+-
+-
+-
+-
load
load
ESX10-TA-100
+ line entry
terminals for
busbars
screw
terminals
LINE+ busbar
(X 222 611 02 or X 222 611 34)
0 V busbar
(X 222 611 02 or X 222 611 34)
1
LINE+
1
LINE+
1
LINE+
ESX10-TA-100
ESX10-TA-100
3
0V
3
0V
3
0V
3
0V
3
0V
3
0V
2 LOAD+
2 LOAD+
2 LOAD+
Connection diagrams and application examples ESX10-T…
Signal contacts are shown in OFF or fault condition.
ESX10-TA-100
ESX10-TB-101
group signalling (series connection)
+ line entry
+ line entry for the SI
- line entry
power supply
DC 24 V
LINE + busbar
(X 222 611 02 or X 222 611 34)
group signalling
by means of an signal lamp
jumpers (X 222 005 13)
are staggered
0 V busbar
(X 222 611 02 or X 222 611 34)
+24V
0V
load
load
load
13
1
LINE+
14
ESX10-TB-101
2 LOAD+
13
1
LINE+
14
13
1
LINE+
14
ESX10-TB-101
2 LOAD+
ESX10-TB-101
2 LOAD+
Connection diagrams and application examples ESX10-T


유사한 부품 번호 - ESX10-TB-127DC24V-2A-E

제조업체부품명데이터시트상세설명
logo
ETAL Group
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-10A-E ETAL-ESX10-TC-114-DC12V-10A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-1A-E ETAL-ESX10-TC-114-DC12V-1A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-2A-E ETAL-ESX10-TC-114-DC12V-2A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC-114-DC12V-3A-E ETAL-ESX10-TC-114-DC12V-3A-E Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
More results

유사한 설명 - ESX10-TB-127DC24V-2A-E

제조업체부품명데이터시트상세설명
logo
ETAL Group
ESX10 ETAL-ESX10 Datasheet
1Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-TC ETAL-ESX10-TC Datasheet
2Mb / 8P
   Selective load protection, electronic trip characteristics
ESX10-S ETAL-ESX10-S Datasheet
303Kb / 6P
   Selective load protection, electronic trip curve
logo
Altech corporation
3DU5 ALTECH-3DU5 Datasheet
153Kb / 3P
   D-TRIP CHARACTERISTICS
logo
Teridian Semiconductor ...
71M6403 TERIDIAN-71M6403_V01 Datasheet
252Kb / 2P
   Electronic Trip Unit
6/06 - rev 1.0
71M6403 TERIDIAN-71M6403 Datasheet
594Kb / 75P
   Electronic Trip Unit
logo
List of Unclassifed Man...
PEL-500 ETC-PEL-500 Datasheet
1Mb / 6P
   DC Electronic Load
logo
Keysight Technologies
BENCHVUEELA KEYSIGHT-BENCHVUEELA Datasheet
1Mb / 5P
   BenchVue Electronic Load App
logo
ITECH ELECTRONIC CO.,LT...
IT8518 ITECH-IT8518 Datasheet
1,011Kb / 44P
   Programmable DC Electronic Load
ReservedVer2,0/Jan, 2010
logo
Maxim Integrated Produc...
MAX17291EVK-WLP MAXIM-MAX17291EVK-WLP Datasheet
413Kb / 6P
   Electronic Load Capable of 310mA
Rev 0; 10/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com