전자부품 데이터시트 검색엔진 |
|
ESX10-TB-12DC24V-6A-E 데이터시트(PDF) 3 Page - ETAL Group |
|
ESX10-TB-12DC24V-6A-E 데이터시트(HTML) 3 Page - ETAL Group |
3 / 14 page www.e-t-a.de Electronic Circuit Protector ESX10-T.-DC 24 V 1642 3 4 Electronic Circuit Protector ESX10-T.-DC 24 V Ordering information Ordering configuration for ATEX versions: ...-E Type No. ESX10 Electronic Circuit Protector, with current limitation Mounting and design TA rail mounting, without signal contact TB rail mounting, with signal contact and slot for busbars and jumpers TD rail mounting, with signal contact and switch for 3-step current rating adjustment Version 1 standard, without physical isolation in the event of a failure Signal input 0 without signal input 1 with control input IN+, only ESX10-T-114 2 with reset input RE, only ESX10-T-124, ESX10-T-127 Signal outputs 0 without signal output (only ESX10-TA) 1 signal contact N/O 2 signal contact N/C 4 status output SF (only ESX10-T-114, ESX10-T-124) 7 inverse status output SF (only ESX10-T-127 Operating voltage DC 24 V rated voltage DC 24 V Current rating 0.5 A 1 A 2 A 3 A 4 A 6 A 8 A 10 A 12 A 16 A (only ESX10-TB-101) 0.5/1/2 A adjustable (only ESX10-TD-...-X278) 2/4/6 A adjustable (only ESX10-TD-...-X279) 6/8/10 A adjustable (only ESX10-TD-...-X280) 2/3/4 A adjustable (only ESX10-TD-101-...-X282) ESX10 - TA 1 0 0 - DC 24 V -6 A ordering example l The user should ensure that the cable cross sections of the relevant load circuit are suitable for the current rating of the ESX10-T used. l Automatic start-up of machinery after shut down must be prevented (Machinery Directive 98/37/EG and EN 60204-1). In the event of a short circuit or overload the load circuit will be disconnected electronically by the ESX10-T. Attention! Please see separate data sheet for ESX10-TB-101-DC 24 V-16 A. Description of ESX10-T signal inputs and outputs see wiring diagrams. Table 1: voltage drop, current limitation, max. load current Notes current rating IN typically voltage drop UON at IN active current limitation ILimit (typically) max. load current at 100% ON duty Ta = 40 ° C Ta = 50 ° C 0.5 A 70 mV 1.8 x IN 0.5 A 0.5 A 1 A 80 mV 1.8 x IN 1 A 1 A 2 A 130 mV 1.8 x IN 2 A 2 A 3 A 80 mV 1.8 x IN 3 A 3 A 4 A 100 mV 1.8 x IN 4 A 4 A 6 A 130 mV 1.8 x IN 6 A 5 A 8 A 120 mV 1.5 x IN 8 A 7 A 10 A 150 mV 1.5 x IN 10 A 9 A 12 A 180 mV 1.3 x IN 12 A 10,8 A [0.5/1/2 A] 70/80/130 mV 1.4 x IN 0.5/1/2 A 0.5/1/2 A [2/3/4 A] 130/80/100 mV 1.4 x IN 2/3/4 A 2/3/4 A [2/4/6 A] 130/100/130 mV 1.4 x IN 2/4/6 A 2/4/5 A [6/8/10 A] 130/120/150 mV 1.4 x IN 6/8/10 A 5/7/9 A Attention: when mounted side-by-side without convection the ESX10-T should not carry more than 80 % of its rated load with 100 % ON duty due to thermal effects. Preferred types Standard current ratings (A) ESX10-TA/TB 0.5 1 2 3 4 6 8 10 12 0.5 / 1 / 2 2 / 4 / 6 6 / 8 / 10 ESX10-TA-100-DC24V- x x x x x x x x x ESX10-TB-101-DC24V- x x x x x x x x x ESX10-TD 0.5 1 2 3 4 6 8 10 12 0.5 / 1 / 2 2 / 4 / 6 6 / 8 / 10 ESX10-TD-101-DC24V- x x x Preferred types Type No. ESX10 Electronic Circuit Protector, with current limitation Mounting and design TA rail mounting, without signal contact TB rail mounting, with signal contact and slot for busbars and jumpers Version 1 standard, without physical isolation Signal input 0 without signal input 1 with control input IN+ 2 with reset input RE, Signal outputs 0 without signal output 1 signal contact N/O 2 signal contact N/C 4 status output SF 7 inverse status output SF Operating voltage DC 24 V rated voltage DC 24 V Current rating 0.5...12 A Approvals E ATEX ESX10 - TB-1 0 1- DC 24 V- 6 A -E Ordering information |
유사한 부품 번호 - ESX10-TB-12DC24V-6A-E |
|
유사한 설명 - ESX10-TB-12DC24V-6A-E |