전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16CR83 데이터시트(PDF) 91 Page - Microchip Technology

부품명 PIC16CR83
상세설명  8 BIT CMOS EEPROM MICROCONTROLLERS
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16CR83 데이터시트(HTML) 91 Page - Microchip Technology

Back Button PIC16CR83 Datasheet HTML 87Page - Microchip Technology PIC16CR83 Datasheet HTML 88Page - Microchip Technology PIC16CR83 Datasheet HTML 89Page - Microchip Technology PIC16CR83 Datasheet HTML 90Page - Microchip Technology PIC16CR83 Datasheet HTML 91Page - Microchip Technology PIC16CR83 Datasheet HTML 92Page - Microchip Technology PIC16CR83 Datasheet HTML 93Page - Microchip Technology PIC16CR83 Datasheet HTML 94Page - Microchip Technology PIC16CR83 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 117 page
background image
© 1995 Microchip Technology Inc.
DS30081F-page 91
PIC16C8X
Applicable Devices 83 R83 84 84A R84
FIGURE 12-18: IOH vs. VOH, VDD = 3V
FIGURE 12-19: IOH vs. VOH, VDD = 5V
0
-2
-4
-6
-8
-10
-12
-14
0.0
0.5
1.0
1.5
2.0
2.5
VDD (Volts)
Min @ 85
°C
-16
-18
3.0
Max @ -40
°C
Typ @ 25
°C
0
-5
-10
-15
-20
-25
0.0
0.5
1.0
1.5
2.0
2.5
VDD (Volts)
Min @ 85
°C
-30
-35
3.0
Max @ -40
°C
Typ @ 25
°C
3.5
4.0
4.5
5.0
-40
-45


유사한 부품 번호 - PIC16CR83

제조업체부품명데이터시트상세설명
logo
Microchip Technology
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
1Mb / 124P
   18-pin Flash/EEPROM 8-Bit Microcontrollers
1998
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
1Mb / 124P
   18-pin Flash/EEPROM 8-Bit Microcontrollers
1998 - 1999
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
1Mb / 110P
   8-bit CMOS EEPROM Microcontroller
11/29/12 ??1996-2013
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
1Mb / 128P
   18-pin Flash/EEPROM 8-Bit Microcontrollers
11/29/12 1996-2013
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
More results

유사한 설명 - PIC16CR83

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
S3P80C5 SAMSUNG-S3P80C5 Datasheet
1Mb / 263P
   8-Bit CMOS Microcontrollers
S3C8275 SAMSUNG-S3C8275 Datasheet
1Mb / 326P
   8-BIT CMOS MICROCONTROLLERS
S3C828B SAMSUNG-S3C828B Datasheet
3Mb / 369P
   8-BIT CMOS MICROCONTROLLERS
S3C852B SAMSUNG-S3C852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041A TOSHIBA-TMP90C041A Datasheet
364Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X Datasheet
2Mb / 336P
   8-Bit CMOS Microcontrollers
1997 - 1999
PIC16LC62A-04 MICROCHIP-PIC16LC62A-04 Datasheet
1Mb / 337P
   8-Bit CMOS Microcontrollers
01/18/02
logo
Samsung semiconductor
S3P852B SAMSUNG-S3P852B Datasheet
1Mb / 383P
   8-BIT CMOS MICROCONTROLLERS
logo
Toshiba Semiconductor
TMP90C041 TOSHIBA-TMP90C041 Datasheet
324Kb / 12P
   CMOS 8-Bit Microcontrollers
logo
Samsung semiconductor
S3C825A SAMSUNG-S3C825A Datasheet
1Mb / 346P
   8-BIT CMOS MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com