전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PM75CLA120 데이터시트(PDF) 6 Page - Mitsubishi Electric Semiconductor

부품명 PM75CLA120
상세설명  INTELLIGENT POWER MODULES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MITSUBISHI [Mitsubishi Electric Semiconductor]
홈페이지  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75CLA120 데이터시트(HTML) 6 Page - Mitsubishi Electric Semiconductor

  PM75CLA120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75CLA120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75CLA120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75CLA120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75CLA120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75CLA120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75CLA120
FLAT-BASE TYPE
INSULATED PACKAGE
Oct. 2003
NOTES FOR STABLE AND SAFE OPERATION ;
Design the PCB pattern to minimize wiring length between opto-coupler and IPM’s input terminal, and also to minimize the
stray capacity between the input and output wirings of opto-coupler.
Connect low impedance capacitor between the Vcc and GND terminal of each fast switching opto-coupler.
Fast switching opto-couplers: tPLH, tPHL ≤ 0.8µs, Use High CMR type.
Slow switching opto-coupler: CTR > 100%
Use 4 isolated control power supplies (VD). Also, care should be taken to minimize the instantaneous voltage charge of the
power supply.
Make inductance of DC bus line as small as possible, and minimize surge voltage using snubber capacitor between P and N
terminal.
Use line noise filter capacitor (ex. 4.7nF) between each input AC line and ground to reject common-mode noise from AC line
and improve noise immunity of the system.
: Interface which is the same as the U-phase
Fig. 8 Application Example Circuit
OUT
Si
OT
OT
OT
OT
OT
OT
GND
GND
In
Vcc
U
V
W
NC
N
P
M
¡
IF
+
OUT
Si
GND
GND
In
Vcc
OUT
Si
GND
GND
In
Vcc
OUT
Si
GND
GND
In
Fo
Fo
Fo
Fo
Vcc
OUT
Si
GND
GND
In
Fo
Vcc
OUT
Si
GND
GND
In
Fo
Vcc
VWP1
WP
VWPC
UN
VN
VN1
WN
VNC
Rfo
Rfo
Rfo
Rfo
Fo
VVP1
VP
VVPC
≥0.1
µ
1k
≥0.1
µ
≥0.1
µ
20k
20k
20k
≥10
µ
≥10
µ
≥10
µ
20k
Ω ≥10µ
≥0.1
µ
Fo
Fo
Fo
VUP1
UP
VUPC
NC
¡
¡
IF
IF
IF
5V
¡
VD
VD
VD
VD


유사한 부품 번호 - PM75CLA120

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
135Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75CLA120 MITSUBISHI-PM75CLA120_05 Datasheet
135Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

유사한 설명 - PM75CLA120

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM75B4L1C060 MITSUBISHI-PM75B4L1C060 Datasheet
323Kb / 10P
   INTELLIGENT POWER MODULES
PM300RL1A060 MITSUBISHI-PM300RL1A060 Datasheet
155Kb / 9P
   INTELLIGENT POWER MODULES
PM50B6L1C060 MITSUBISHI-PM50B6L1C060 Datasheet
352Kb / 12P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com