전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9364 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD9364
상세설명  Point to point communication systems
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9364 데이터시트(HTML) 3 Page - Analog Devices

  AD9364 Datasheet HTML 1Page - Analog Devices AD9364 Datasheet HTML 2Page - Analog Devices AD9364 Datasheet HTML 3Page - Analog Devices AD9364 Datasheet HTML 4Page - Analog Devices AD9364 Datasheet HTML 5Page - Analog Devices AD9364 Datasheet HTML 6Page - Analog Devices AD9364 Datasheet HTML 7Page - Analog Devices AD9364 Datasheet HTML 8Page - Analog Devices AD9364 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
AD9364
Data Sheet
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Current Consumption—VDD_Interface.................................. 7
Current Consumption—VDDD1P3_DIG and VDDAx
(Combination of All 1.3 V Supplies) ......................................... 8
Absolute Maximum Ratings ..................................................... 10
Reflow Profile.............................................................................. 10
Thermal Resistance .................................................................... 10
ESD Caution................................................................................ 10
Pin Configuration and Function Descriptions........................... 11
Typical Performance Characteristics ........................................... 15
800 MHz Frequency Band......................................................... 15
2.4 GHz Frequency Band .......................................................... 20
5.5 GHz Frequency Band .......................................................... 24
Theory of Operation ...................................................................... 28
General......................................................................................... 28
Receiver........................................................................................ 28
Transmitter.................................................................................. 28
Clock Input Options .................................................................. 28
Synthesizers................................................................................. 29
Digital Data Interface................................................................. 29
Enable State Machine..................................................................... 29
SPI Interface................................................................................ 30
Control Pins ................................................................................ 30
GPO Pins (GPO_3 to GPO_0)................................................. 30
Auxiliary Converters.................................................................. 30
Powering the AD9364................................................................ 30
Packaging and Ordering Information ......................................... 31
Outline Dimensions................................................................... 31
Ordering Guide .......................................................................... 31
REVISION HISTORY
7/14—Rev. B to Rev. C
Changed CMOS VDD_INTERFACE from
1.2 V (min)/2.5 V (max) to 1.14 V (min)/2.625 V (max); and
Changed LVDS VDD_INTERFACE from 1.8 V (min)/2.5 V (max)
to 1.71 V (min)/2.625 V (max); Table 1......................................... 7
Added Powering the AD9364 Section ......................................... 30
2/14—Revision B: Initial Version
Rev. C | Page 2 of 32


유사한 부품 번호 - AD9364

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
   AD-FMCOMMS2-EBZ
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
More results

유사한 설명 - AD9364

제조업체부품명데이터시트상세설명
logo
Abracon Corporation
AST3TQ-50 ABRACON-AST3TQ-50 Datasheet
3Mb / 6P
   Point-to-Point communication networks
04.02.15
logo
TEMIC Semiconductors
U6057B TEMIC-U6057B Datasheet
87Kb / 9P
   Receiver for Point-to-Point Multiplex Systems
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
   Point-to-Point
logo
Micross Components
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com