전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9364BBCZREEL 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD9364BBCZREEL
상세설명  Point to point communication systems
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9364BBCZREEL 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD9364BBCZREEL Datasheet HTML 4Page - Analog Devices AD9364BBCZREEL Datasheet HTML 5Page - Analog Devices AD9364BBCZREEL Datasheet HTML 6Page - Analog Devices AD9364BBCZREEL Datasheet HTML 7Page - Analog Devices AD9364BBCZREEL Datasheet HTML 8Page - Analog Devices AD9364BBCZREEL Datasheet HTML 9Page - Analog Devices AD9364BBCZREEL Datasheet HTML 10Page - Analog Devices AD9364BBCZREEL Datasheet HTML 11Page - Analog Devices AD9364BBCZREEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Data Sheet
AD9364
Parameter1
Symbol Min
Typ
Max
Unit
Test Conditions/Comments
Bus Turnaround Time
Before Rx
tRPRE
2 × tCP
ns
After Rx
tRPST
2 × tCP
ns
Capacitive Load
3
pF
Capacitive Input
3
pF
SUPPLY CHARACTERISTICS
1.3 V Main Supply Voltage
1.267
1.3
1.33
V
VDD_INTERFACE Supply
Nominal Settings
CMOS
1.14
2.625
V
LVDS
1.71
2.625
V
VDD_INTERFACE Tolerance
−5
+5
%
Tolerance is applicable to
any voltage setting
VDD_GPO Supply Nominal
Setting
1.3
3.3
V
When unused, must be set
to 1.3 V
VDD_GPO Tolerance
−5
+5
%
Tolerance is applicable to
any voltage setting
Current Consumption
VDDx, Sleep Mode
180
μA
Sum of all input currents
VDD_GPO
50
μA
No load
1
When referencing a single function of a multifunction pin in the parameters, only the portion of the pin name that is relevant to the specification is listed. For full pin
names of multifunction pins, refer to the Pin Configuration and Function Descriptions section.
CURRENT CONSUMPTION—VDD_INTERFACE
Table 2. VDD_INTERFACE = 1.2 V
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SLEEP MODE
45
μA
Power applied, device disabled
RX AND TX, DOUBLE DATA RATE (DDR)
LTE 10 MHz
Single Port
2.9
mA
30.72 MHz data clock, CMOS
Dual Port
2.7
mA
15.36 MHz data clock, CMOS
LTE 20 MHz
Dual Port
5.2
mA
30.72 MHz data clock, CMOS
Table 3. VDD_INTERFACE = 1.8 V
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SLEEP MODE
84
μA
Power applied, device disabled
RX AND TX, DDR
LTE 10 MHz
Single Port
4.5
mA
30.72 MHz data clock, CMOS
Dual Port
4.1
mA
15.36 MHz data clock, CMOS
LTE 20 MHz
Dual Port
8.0
mA
30.72 MHz data clock, CMOS
Table 4. VDD_INTERFACE = 2.5 V
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SLEEP MODE
150
μA
Power applied, device disabled
RX AND TX, DDR
LTE 10 MHz
Single Port
6.5
mA
30.72 MHz data clock, CMOS
Dual Port
6.0
mA
15.36 MHz data clock, CMOS
LTE 20 MHz
Dual Port
11.5
mA
30.72 MHz data clock, CMOS
Rev. C | Page 7 of 32


유사한 부품 번호 - AD9364BBCZREEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361 AD-AD9361 Datasheet
337Kb / 2P
   AD-FMCOMMS2-EBZ
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
More results

유사한 설명 - AD9364BBCZREEL

제조업체부품명데이터시트상세설명
logo
Abracon Corporation
AST3TQ-50 ABRACON-AST3TQ-50 Datasheet
3Mb / 6P
   Point-to-Point communication networks
04.02.15
logo
TEMIC Semiconductors
U6057B TEMIC-U6057B Datasheet
87Kb / 9P
   Receiver for Point-to-Point Multiplex Systems
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC527 MICROSS-HMC527 Datasheet
899Kb / 10P
   Point-to-Point and Point-to-Multi-Point Radio
logo
Analog Devices
HMC494LP3 AD-HMC494LP3 Datasheet
370Kb / 6P
   Point-to-Point
logo
Micross Components
HMC523 MICROSS-HMC523 Datasheet
894Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC528 MICROSS-HMC528 Datasheet
882Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC522 MICROSS-HMC522 Datasheet
881Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com