전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADRF5130-EVALZ 데이터시트(PDF) 6 Page - Analog Devices

부품명 ADRF5130-EVALZ
상세설명  Low insertion loss
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADRF5130-EVALZ 데이터시트(HTML) 6 Page - Analog Devices

Back Button ADRF5130-EVALZ Datasheet HTML 2Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 3Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 4Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 5Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 6Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 7Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 8Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 9Page - Analog Devices ADRF5130-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Data Sheet
ADRF5130
Rev. A | Page 5 of 10
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
13
1
3
4
2
GND
GND
RF1
GND
5
6
GND
GND
GND
14 GND
15 GND
16 RF2
17 GND
18 GND
ADRF5130
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. EXPOSED PAD MUST BE
CONNECTED TO RF/DC GROUND.
PACKAGE
BASE
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 4 to 9, 11 to 15, 17 to 20, 23, 24
GND
Ground. The package bottom has an exposed metal pad that must connect to the
printed circuit board (PCB) RF/dc ground. See Figure 3 for the GND interface schematic.
3
RF1
RF Output Port 1. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor
is required on this pin.
10
RFC
RF Input Common Port. This pin is dc-coupled and matched to 50 Ω. A dc blocking
capacitor is required on this pin.
16
RF2
RF Output Port 2. This pin is dc-coupled and matched to 50 Ω. A dc blocking capacitor
is required on this pin.
21
VCTL
Control Input. See Figure 4 for the VCTL interface schematic. Refer to Table 4 and the
recommended digital input control voltage range in Table 1.
22
VDD
Supply Voltage. See Figure 4 for the VDD interface schematic.
EPAD
Exposed Pad. Exposed pad must be connected to RF/dc ground.
Table 4. Truth Table
Signal Path State
Control Input (VCTL) State
RFC to RF1
RFC to RF2
Low
Off
On
High
On
Off
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
VDD
VCTL
Figure 4. Control Interface Schematic


유사한 부품 번호 - ADRF5130-EVALZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADRF5132 AD-ADRF5132 Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
ADRF5132-EVALZ AD-ADRF5132-EVALZ Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
ADRF5132BCPZN AD-ADRF5132BCPZN Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
ADRF5132BCPZN-R7 AD-ADRF5132BCPZN-R7 Datasheet
362Kb / 12P
   High Power, 20 W Peak, Silicon SPDT, Reflective Switch, 0.7 GHz to 5.0 GHz
More results

유사한 설명 - ADRF5130-EVALZ

제조업체부품명데이터시트상세설명
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
   Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
   Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608070GM1T76 WALSIN-AMDIP1608070GM1T76 Datasheet
690Kb / 6P
   Low Insertion Loss
logo
RF Micro Devices
PS-2-1000F RFMD-PS-2-1000F Datasheet
453Kb / 3P
   Low Insertion Loss
PS-2-4000F RFMD-PS-2-4000F Datasheet
149Kb / 2P
   Low Insertion Loss
logo
Murata Manufacturing Co...
SF2094B MURATA-SF2094B Datasheet
583Kb / 12P
   Low Insertion Loss
logo
RF Monolithics, Inc
SF2089C RFM-SF2089C Datasheet
550Kb / 6P
   Low Insertion Loss
SF2091C RFM-SF2091C Datasheet
551Kb / 6P
   Low Insertion Loss
SF2026B RFM-SF2026B Datasheet
272Kb / 6P
   Low Insertion Loss
logo
WALSIN TECHNOLOGY CORPO...
AMDIP1608060T97Q1C WALSIN-AMDIP1608060T97Q1C Datasheet
551Kb / 6P
   Low Insertion Loss
logo
RF Monolithics, Inc
SF2069A-1 RFM-SF2069A-1 Datasheet
61Kb / 2P
   Low Insertion Loss
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com