전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5675 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5675
상세설명  Easy implementation
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5675 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5675 Datasheet HTML 6Page - Analog Devices AD5675 Datasheet HTML 7Page - Analog Devices AD5675 Datasheet HTML 8Page - Analog Devices AD5675 Datasheet HTML 9Page - Analog Devices AD5675 Datasheet HTML 10Page - Analog Devices AD5675 Datasheet HTML 11Page - Analog Devices AD5675 Datasheet HTML 12Page - Analog Devices AD5675 Datasheet HTML 13Page - Analog Devices AD5675 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Data Sheet
AD5676
Rev. B | Page 9 of 27
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VOUT0
VDD
VLOGIC
SDI
SCLK
SYNC
VOUT1
VOUT3
VREF
RESET
RSTSEL
LDAC
SDO
VOUT6
VOUT7
GAIN
VOUT5
VOUT4
GND
VOUT2
TOP VIEW
(Not to Scale)
AD5676
Figure 5. 20-Lead TSSOP Pin Configuration
Table 7. 20-Lead TSSOP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT1
Analog Output Voltage from DAC 1. The output amplifier has rail-to-rail operation.
2
VOUT0
Analog Output Voltage from DAC 0. The output amplifier has rail-to-rail operation.
3
VDD
Power Supply Input. The AD5676 operates from 2.7 V to 5.5 V. Decouple VDD with a 10 µF capacitor in parallel with
a 0.1 µF capacitor to GND.
4
VLOGIC
Digital Power Supply. Voltage ranges from 1.8 V to 5.5 V.
5
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When SYNC goes low, data
transfers in on the falling edges of the next 24 clocks.
6
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data
transfers at rates of up to 50 MHz.
7
SDI
Serial Data Input. The AD5676 has a 24-bit input shift register. Data is clocked into the register on the falling edge
of the serial clock input.
8
GAIN
Span Set. When this pin is tied to GND, all eight DAC outputs have a span from 0 V to VREF. If this pin is tied to VLOGIC,
all eight DACs output a span of 0 V to 2 × VREF.
9
VOUT7
Analog Output Voltage from DAC 7. The output amplifier has rail-to-rail operation.
10
VOUT6
Analog Output Voltage from DAC 6. The output amplifier has rail-to-rail operation.
11
VOUT5
Analog Output Voltage from DAC 5. The output amplifier has rail-to-rail operation.
12
VOUT4
Analog Output Voltage from DAC 4. The output amplifier has rail-to-rail operation.
13
GND
Ground Reference Point for All Circuitry on the Device.
14
RSTSEL
Power-On Reset. Tie this pin to GND to power up all eight DACs to zero scale. Tie this pin to VLOGIC to power up all
eight DACs to midscale.
15
LDAC
Load DAC. LDAC operates in two modes, asynchronously and synchronously. Pulsing this pin low allows any or all
DAC registers to be updated if the input registers have new data. This allows all DAC outputs to update
simultaneously. This pin can also be tied permanently low.
16
SDO
Serial Data Output. Use this pin to daisy-chain a number of devices together, or use it for readback. The serial data
transfers on the rising edge of SCLK and is valid on the falling edge.
17
RESET
Asynchronous Reset Input. The RESET input is falling edge sensitive. When RESET is low, all LDAC pulses are
ignored. When RESET is activated, the input register and the DAC register are updated with zero scale or midscale,
depending on the state of the RSTSEL pin.
18
VREF
Reference Input Voltage.
19
VOUT3
Analog Output Voltage from DAC 3. The output amplifier has rail-to-rail operation.
20
VOUT2
Analog Output Voltage from DAC 2. The output amplifier has rail-to-rail operation.


유사한 부품 번호 - AD5675

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5675 AD-AD5675 Datasheet
884Kb / 27P
   Base station power amplifiers
AD5675 AD-AD5675 Datasheet
712Kb / 27P
   Octal, 16-Bit nanoDAC
AD5675ACPZ-REEL7 AD-AD5675ACPZ-REEL7 Datasheet
884Kb / 27P
   Base station power amplifiers
AD5675ACPZ-REEL7 AD-AD5675ACPZ-REEL7 Datasheet
712Kb / 27P
   Octal, 16-Bit nanoDAC
AD5675ACPZ-RL AD-AD5675ACPZ-RL Datasheet
712Kb / 27P
   Octal, 16-Bit nanoDAC
More results

유사한 설명 - AD5675

제조업체부품명데이터시트상세설명
logo
Texas Instruments
PCI2250PCM TI1-PCI2250PCM Datasheet
64Kb / 16P
[Old version datasheet]   Implementation Guide
logo
STMicroelectronics
AN2614 STMICROELECTRONICS-AN2614 Datasheet
128Kb / 12P
   Serial numbering implementation
logo
List of Unclassifed Man...
MX98905B ETC1-MX98905B Datasheet
352Kb / 86P
   The MX98905 is designed for easy implementation of CSMA/CD local area networks,
logo
Fairchild Semiconductor
AN-9720 FAIRCHILD-AN-9720 Datasheet
236Kb / 7P
   Power Path Implementation Tradeoffs
logo
STMicroelectronics
AN1645 STMICROELECTRONICS-AN1645 Datasheet
609Kb / 22P
   STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
AN1827 STMICROELECTRONICS-AN1827 Datasheet
91Kb / 11P
   IMPLEMENTATION OF SIGMA-DELTA ADC
logo
Silicon Laboratories
AN451 SILABS-AN451 Datasheet
87Kb / 14P
   WIRELESS M-BUS SOFTWARE IMPLEMENTATION
logo
List of Unclassifed Man...
TA77-B7061 ETC2-TA77-B7061 Datasheet
776Kb / 2P
   2U Dual-Socket Server Implementation
logo
STMicroelectronics
AN1577 STMICROELECTRONICS-AN1577 Datasheet
149Kb / 30P
   This application note presents the implementation
AN3980 STMICROELECTRONICS-AN3980 Datasheet
792Kb / 19P
   This application note describes the implementation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com