전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7866 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7866
상세설명  Customer supplied 6 V to 12 V bench supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7866 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7866 Datasheet HTML 3Page - Analog Devices AD7866 Datasheet HTML 4Page - Analog Devices AD7866 Datasheet HTML 5Page - Analog Devices AD7866 Datasheet HTML 6Page - Analog Devices AD7866 Datasheet HTML 7Page - Analog Devices AD7866 Datasheet HTML 8Page - Analog Devices AD7866 Datasheet HTML 9Page - Analog Devices AD7866 Datasheet HTML 10Page - Analog Devices AD7866 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ADA4571R-EBZ User Guide
UG-739
Raw Waveforms
The first figure is labeled Raw Waveforms (see Figure 11).
This figure shows the sampled ADC raw data as the motor is
spinning. The amplitude is shown in 12-bit code. The dual
channel AD7866 simultaneously samples the sine and cosine
channels at 100,000 samples per second. The internal 2.5 V
reference of the AD7866 has been subtracted in hardware as
the readout of the ADC is in twos complement. Therefore, the
two signals are centered around zero in the raw waveform plot.
The magnetic stimulus is sampled over many rotations and
then cropped to three mechanical revolutions or six electrical
revolutions. It is important that these two channels are
simultaneously sampled or extra errors will be introduced
from the phase delay between the sampling of the individual
channels.
Figure 7. Raw Sine and Cosine Waveform
There are two different figures shown depicting these sine and
cosine waveforms. The uncorrected figure has not had any post
processing applied and shows the absolute raw data from the
sensor. For the offset corrected figure, the full three mechanical
revolutions are averaged independently for both the sine and
cosine channels giving the offset for the channel. These offset
values are then subtracted from their respective channel to give
the end waveform centered perfectly about zero.
Note that when powering the board through a USB instead of
by an external power supply there will be some variation in the
supply voltage of the ADA4571. Due to the readout of the
AD7866 being in twos complement form with respect to the
internal 2.5 V reference, the offset of these waveforms will
be higher than the inherent offset of the ADA4571.
Arc Tangent2 (Magnetic Angle)
The second set of figures are labeled ArcTangent (Magnetic
Angle) (see Figure 8). These figures depict the calculated
electrical angle of the ADA4571. This calculation is performed
by the following equation:
Angle = ArcTangent2(VSIN/VCOS)
Because the two AMR bridges are deposited at a 45° relative
angle, the sine and cosine outputs are 90° out of phase. This
constant 90° phase difference results in the calculated angle
over a constant rotary speed as a straight line.
Normally the ArcTangent function will have a range of (−90°
to +90°). However, if quadrant information is kept and cor-
rected for after the calculation the second and third quadrant
can be distinguished from the first and fourth. The function
ArcTangent2 has this quadrant information and therefore the
range is extended to (−180° to +180°). The program then zeros
this waveform and therefore shows the angle between (0° and
360°).
Figure 8. ArcTangent Calculation Plot
The electrical angle period will repeat for every sinusoidal
period of the sine and cosine outputs from the ADA4571. Just
like the raw waveform data, three mechanical revolutions or six
electrical revolutions are used for calculations. This results in
six periods of angle information shown.
The Uncorrected ArcTangent (Magnetic Angle) plot will
have a slight bowed shape to it due to the sensor offset in the
raw waveform. The Offset Corrected ArcTangent (Magnetic
Angle) plot shows the angle information after the offset is
nulled from each individual channel. This offset correction to
the raw waveforms before the ArcTangent calculation results
in a much more linear output plot.
Rev. 0 | Page 7 of 13


유사한 부품 번호 - AD7866

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7866ARU AD-AD7866ARU Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866ARU AD-AD7866ARU Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866ARU AD-AD7866ARU Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results

유사한 설명 - AD7866

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5830K SANKEN-LC5830K Datasheet
1Mb / 25P
   Supply voltage 6 to 48 V
logo
IK Semicon Co., Ltd
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
   Operating supply voltage 2.5 to 6 V
logo
International Rectifier
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
logo
Analog Devices
AD7853 AD-AD7853 Datasheet
350Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854_15 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com