전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7866 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD7866
상세설명  Customer supplied 6 V to 12 V bench supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7866 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD7866 Datasheet HTML 4Page - Analog Devices AD7866 Datasheet HTML 5Page - Analog Devices AD7866 Datasheet HTML 6Page - Analog Devices AD7866 Datasheet HTML 7Page - Analog Devices AD7866 Datasheet HTML 8Page - Analog Devices AD7866 Datasheet HTML 9Page - Analog Devices AD7866 Datasheet HTML 10Page - Analog Devices AD7866 Datasheet HTML 11Page - Analog Devices AD7866 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UG-739
ADA4571R-EBZ User Guide
Angular Error (Linearity)
There are two different motors that may be supplied with your
demo board: a brushless dc motor or a brushed dc motor. The
brushed dc motor will introduce extra errors into the system
due to cogging of the motor during rotation. To fully evaluate
the performance of the sensor, an externally applied magnetic
stimulus that has a smoother rotational velocity should be used
with the supplied LabVIEW GUI.
The third set of figures are labeled Angular Error (Degrees)
(see Figure 6). This figure shows the linearity of the ArcTangent
plot discussed in the Arc Tangent2 (Magnetic Angle) section.
There is no encoder attached to the magnetic stimulus on the
board and therefore the program cannot compare the calculated
angle to the actual position of the magnet. Therefore, this plot is
calculating the linearity of both the ADA4571 and the brushless
dc motor providing the magnetic stimulus.
Due to the nonidealities of the brushless dc motor providing
the magnetic stimulus, the reported angular error will always
be higher than the actual error of the ADA4571. The motor
provides a more constant rate of speed at lower rotational
velocities and therefore the reported linearity will be lower
at slower speeds. These extra errors are not indicative of the
bandwidth of the ADA4571 as the part can handle motor
rotational speeds as high as 50,000 RPM.
Figure 9 shows the Uncorrected Angular Error (Degrees) plot.
When powered by the host PC USB supply this waveform
reports higher error than when powered by an external supply.
This increased error is because the internal 2.5 V reference is
subtracted in hardware from each ADC channel resulting in a
higher inherent offset of the sensor if the supply voltage is not
exactly 5 V. When powered by an external power source the
ADA4571 supply is regulated to 5 V and, therefore, the ADC
introduces no extra offset or errors to the system.
Figure 9. Uncorrected Linearity Error Plot
Figure 10 shows the Offset Corrected Error (Degrees) plot.
Large spikes appear in this plot due to the nonidealities of the
magnetic stimulus. When the motor commutes, there is a kick
from the excitation coils resulting in a higher reported linearity
error at these points. The sensor measures the position of the
magnetic stimulus and so these kicks during commuting will
show up as an error from an ideal linear plot. This nonideality
from the magnetic stimulus is more prevalent at higher speeds
but is not a result of the sensor. The included motor is very
smooth at lower speeds and, therefore, these spikes will not
appear in the error plot.
Figure 10. Offset Corrected Linearity Error Plot
Rev. 0 | Page 8 of 13


유사한 부품 번호 - AD7866

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7866 AD-AD7866 Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866 AD-AD7866 Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
AD7866ARU AD-AD7866ARU Datasheet
304Kb / 20P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. 0
AD7866ARU AD-AD7866ARU Datasheet
585Kb / 24P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
REV. A
AD7866ARU AD-AD7866ARU Datasheet
430Kb / 25P
   Dual 1 MSPS, 12-Bit, 2-Channel SAR ADC with Serial Interface
More results

유사한 설명 - AD7866

제조업체부품명데이터시트상세설명
logo
Sanken electric
LC5830K SANKEN-LC5830K Datasheet
1Mb / 25P
   Supply voltage 6 to 48 V
logo
IK Semicon Co., Ltd
INF8574A IKSEMICON-INF8574A Datasheet
384Kb / 11P
   Operating supply voltage 2.5 to 6 V
logo
International Rectifier
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
logo
Analog Devices
AD7853 AD-AD7853 Datasheet
350Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854_15 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854ARZ AD-AD7854ARZ Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7854 AD-AD7854 Datasheet
264Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853 AD-AD7853_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
AD7853L AD-AD7853L_15 Datasheet
353Kb / 34P
   3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com