전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD1010 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 SD1010
상세설명  Dual-Interface XGA TFT LCD Display Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SD1010 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SD1010 Datasheet HTML 5Page - List of Unclassifed Manufacturers SD1010 Datasheet HTML 6Page - List of Unclassifed Manufacturers SD1010 Datasheet HTML 7Page - List of Unclassifed Manufacturers SD1010 Datasheet HTML 8Page - List of Unclassifed Manufacturers SD1010 Datasheet HTML 9Page - List of Unclassifed Manufacturers SD1010 Datasheet HTML 10Page - List of Unclassifed Manufacturers SD1010 Datasheet HTML 11Page - List of Unclassifed Manufacturers SD1010 Datasheet HTML 12Page - List of Unclassifed Manufacturers SD1010 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
SmartASIC, Inc.
SD1010
November, 1999
SmartASIC Confidential
9
Revision B
G_IN14
142
I
Channel B Data Input Color Green
G_IN15
143
I
Channel B Data Input Color Green
G_IN16
144
I
Channel B Data Input Color Green
G_IN17
145
I
Channel B Data Input Color Green (MSB)
GND
146
Ground
B_IN00
147
I
Channel A Data Input Color Blue (LSB)
B_IN01
148
I
Channel A Data Input Color Blue
B_IN02
149
I
Channel A Data Input Color Blue
VDD
150
Power Supply
B_IN03
151
I
Channel A Data Input Color Blue
B_IN04
152
I
Channel A Data Input Color Blue
B_IN05
153
I
Channel A Data Input Color Blue
B_IN06
154
I
Channel A Data Input Color Blue
B_IN07
155
I
Channel A Data Input Color Blue (MSB)
GND
156
Ground
HSYNC_I
157
I
Input HSYNC (any polarity)
VSYNC_I
158
I
Input VSYNC (any polarity)
DE_IN
159
I
DE input for digital interface
VDD
160
Power Supply


유사한 부품 번호 - SD1010

제조업체부품명데이터시트상세설명
logo
Sirectifier Semiconduct...
SD1010 SIRECTIFIER-SD1010 Datasheet
225Kb / 2P
   Discrete Diodes
logo
List of Unclassifed Man...
SD1010-1099A ETC1-SD1010-1099A Datasheet
322Kb / 45P
   Analog-Interface XGA TFT LCD Display Controller
SD1010-1199A ETC1-SD1010-1199A Datasheet
322Kb / 45P
   Analog-Interface XGA TFT LCD Display Controller
logo
Dc Components
SD10100 DCCOM-SD10100 Datasheet
249Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 20 to 100 Volts
logo
Pan Jit International I...
SD10100CS PANJIT-SD10100CS Datasheet
34Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 100 Volts CURRENT - 10.0 Amperes)
More results

유사한 설명 - SD1010

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SD1010A ETC1-SD1010A Datasheet
322Kb / 45P
   Analog-Interface XGA TFT LCD Display Controller
SD1200 ETC-SD1200 Datasheet
245Kb / 35P
   Analog-Interface XGA/SXGA TFT LCD Display Controller
SD1210 ETC-SD1210 Datasheet
322Kb / 46P
   Dual-Interface SXGA TFT LCD Display Controller
SD1010D ETC1-SD1010D Datasheet
242Kb / 40P
   Digital Interface VGA TFT LCD Display Controller
GM3110 ETC-GM3110 Datasheet
139Kb / 2P
   Digital-Interface XGA LCD Controller
GMZAN3 ETC1-GMZAN3 Datasheet
556Kb / 53P
   XGA ALALOG INTERFACE LCD MONITOR CONTROLLER
logo
AAEON Technology
OPD-215A AAEON-OPD-215A Datasheet
270Kb / 2P
   15??TFT XGA LCD
OPD-215E AAEON-OPD-215E Datasheet
311Kb / 2P
   15??TFT XGA LCD
AGD-315R AAEON-AGD-315R Datasheet
294Kb / 2P
   15??XGA (1024 x 768) TFT LCD Display
AGD-312R AAEON-AGD-312R Datasheet
321Kb / 2P
   12.1??XGA (1024 x 768 ) TFT LCD Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com