전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD4003 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD4003
상세설명  Devices Connected
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD4003 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD4003 Datasheet HTML 5Page - Analog Devices AD4003 Datasheet HTML 6Page - Analog Devices AD4003 Datasheet HTML 7Page - Analog Devices AD4003 Datasheet HTML 8Page - Analog Devices AD4003 Datasheet HTML 9Page - Analog Devices AD4003 Datasheet HTML 10Page - Analog Devices AD4003 Datasheet HTML 11Page - Analog Devices AD4003 Datasheet HTML 12Page - Analog Devices AD4003 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CN-0385
Circuit Note
Rev. 0 | Page 10 of 13
Figure 19. Mean Code Error vs. Voltage Step Size, Gain = 1.6
Figure 20. Mean Code Error vs. Voltage Step Size, Gain = 3.2
Figure 21. Mean Code Error vs. Channel Switching Rate for Full-Scale
Input Step, Gain = 0.4
Figure 22. Mean Code Error vs. Channel Switching Rate for Full-Scale
Input Step, Gain = 0.8
Figure 23. Mean Code Error vs. Channel Switching Rate for Full-Scale
Input Step, Gain = 1.6
Figure 24. Mean Code Error vs. Channel Switching Rate for Full-Scale
Input Step, Gain = 3.2
–200
–150
–100
–50
0
50
100
150
200
250
300
350
0
5
10
15
20
STEP SIZE (V)
100kSPS, CHANNEL A
100kSPS, CHANNEL B
500kSPS, CHANNEL A
500kSPS, CHANNEL B
800kSPS, CHANNEL A
800kSPS, CHANNEL B
–100
–50
0
50
100
150
200
250
300
0
5
10
15
20
STEP SIZE (V)
100kSPS, CHANNEL A
100kSPS, CHANNEL B
500kSPS, CHANNEL A
500kSPS, CHANNEL B
800kSPS, CHANNEL A
800kSPS, CHANNEL B
–250
–200
–150
–100
–50
0
50
100
150
200
250
300
0
200
400
600
800
CHANNEL SWITCHING RATE (kHz)
+FS
–FS
–400
–300
–200
–100
0
100
200
300
400
500
0
200
400
600
800
CHANNEL SWITCHING RATE (kHz)
+FS
–FS
–300
–200
–100
0
100
200
300
400
500
0
200
400
600
800
CHANNEL SWITCHING RATE (kHz)
+FS
–FS
–400
–300
–200
–100
0
100
200
300
400
0
200
400
600
800
CHANNEL SWITCHING RATE (kHz)
+FS
–FS


유사한 부품 번호 - AD4003

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
AD4003 AD-AD4003 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4003 AD-AD4003 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
AD4003BCPZ-RL7 AD-AD4003BCPZ-RL7 Datasheet
1Mb / 34P
   18-Bit, 2 MSPS Precision SAR Differential ADC
AD4003BCPZ-RL7 AD-AD4003BCPZ-RL7 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
More results

유사한 설명 - AD4003

제조업체부품명데이터시트상세설명
logo
Analog Devices
CN0221 AD-CN0221 Datasheet
418Kb / 5P
   Devices Connected
CN0216 AD-CN0216 Datasheet
603Kb / 5P
   Devices Connected
CN0253 AD-CN0253 Datasheet
135Kb / 4P
   Devices Connected
CN0357 AD-CN0357 Datasheet
223Kb / 5P
   Devices Connected
CN0388 AD-CN0388 Datasheet
503Kb / 5P
   Devices Connected
CN0269 AD-CN0269 Datasheet
1Mb / 12P
   Devices Connected
CN0267 AD-CN0267 Datasheet
336Kb / 8P
   Devices Connected
CN0287 AD-CN0287 Datasheet
476Kb / 9P
   Devices Connected
CN0326 AD-CN0326 Datasheet
519Kb / 7P
   Devices Connected
CN0336 AD-CN0336 Datasheet
301Kb / 7P
   Devices Connected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com