전자부품 데이터시트 검색엔진 |
|
744750560047 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744750560047 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 5 page 1.0 REV 2015-03-23 DATE SSt BY MaKa CHECKED Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com DESCRIPTION WE-FAMI THT Power Inductor Order.- No. 744750560047 SIZE A4 Size: 1415 H4: Classification Wave Soldering Profile: H5: Classification Wave Profile Profile Feature Preheat - Temperature Min (Tsmin) - Temperature Typical (Tstypical) - Temperature Max (Tsmax) - Time (ts) from (Tsmin to Tsmax) Δ preheat to max Temperature Peak temperature (Tp) Time of actual peak temperature (tp) Ramp-down rate - Min - Typical - Max Time 25°C to 25°C Pb-Free Assembly 100°C 120°C 130°C 70 seconds 150°C max. 250°C - 260°C max. 10 seconds max. 5 second each wave ~ 2 K/s ~ 3.5 K/s ~ 5 K/s 4 minutes Sn-Pb Assembly 100°C 120°C 130°C 70 seconds 150°C max. 235°C - 260°C max. 10 seconds max. 5 second each wave ~ 2 K/s ~ 3.5 K/s ~ 5 K/s 4 minutes refer to EN 61760-1:2006 H Soldering Specifications: This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
유사한 부품 번호 - 744750560047 |
|
유사한 설명 - 744750560047 |