전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ESAC25M-02N 데이터시트(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

부품명 ESAC25M-02N
상세설명  10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKISEMI [Thinki Semiconductor Co., Ltd.]
홈페이지  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

ESAC25M-02N 데이터시트(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  ESAC25M-02N Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. ESAC25M-02N Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
10.0
5.0
100
1.3
1.7
0.98
35
100
65
2.2
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oC/W
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=100
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 5.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Typical Thermal Resistance (Note 3)
R JC
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to case.
®
ESAC25M-02N thru ESAC25M-06N
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/2
Pb Free Plating Product
ESAC25M-02N/ESAC25M-04N/ESAC25M-06N
Pb
ESAC25M-02N
Features
Low forward voltage drop
High current capability
Case: Fully Isolated Molding TO-220FP
High surge current capability
Weight: 2.0 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
ITO-220AB
Unit:mm
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS,EPS and UPS
Car Audio Amplifiers and Sound Device Systems
Rev.05
10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
Latest GPP technology with super fast recovery time
Positive
Negative
Common Cathode
Case
Case
Common Anode
Doubler
Case
Tandem Polarity
Case
Series Connection
Tandem Polarity
Suffix "N"
Suffix "D"
Suffix "S"
Suffix "C"
ESAC25M-04N ESAC25M-06N


유사한 부품 번호 - ESAC25M-02N

제조업체부품명데이터시트상세설명
logo
Fuji Electric
ESAC25M-02N FUJI-ESAC25M-02N Datasheet
1Mb / 4P
   FUJI SILICON DIODE SPECIFICATION
More results

유사한 설명 - ESAC25M-02N

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
FMG22R THINKISEMI-FMG22R_17 Datasheet
791Kb / 2P
   10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
YG225N2 THINKISEMI-YG225N2 Datasheet
668Kb / 2P
   10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
DFR10A20CTA THINKISEMI-DFR10A20CTA Datasheet
681Kb / 2P
   10 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
ESAD39M-02N THINKISEMI-ESAD39M-02N Datasheet
716Kb / 2P
   10 Ampere Insulated Common Anode Ultra Fast Recovery Half Bridge Rectifiers
ESAD25M-02N THINKISEMI-ESAD25M-02N Datasheet
256Kb / 2P
   16 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
MURF1620CTA THINKISEMI-MURF1620CTA Datasheet
379Kb / 2P
   16 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
FRF1620A THINKISEMI-FRF1620A Datasheet
373Kb / 2P
   16.0 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
FMU22R THINKISEMI-FMU22R Datasheet
743Kb / 2P
   10.0 Ampere Insulated Common Anode Fast Recovery Half Bridge Rectifiers
MUR1020CA THINKISEMI-MUR1020CA Datasheet
694Kb / 2P
   10 Ampere Heatsink Common Anode Fast Recovery Half Bridge Rectifiers
FMU22S THINKISEMI-FMU22S Datasheet
673Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com