전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFH-SB1X0G1AS20SZ0 데이터시트(PDF) 4 Page - SICK AG

부품명 LFH-SB1X0G1AS20SZ0
상세설명  PRESSURE SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SICK [SICK AG]
홈페이지  http://www.sick.com/
Logo SICK - SICK AG

LFH-SB1X0G1AS20SZ0 데이터시트(HTML) 4 Page - SICK AG

  LFH-SB1X0G1AS20SZ0 Datasheet HTML 1Page - SICK AG LFH-SB1X0G1AS20SZ0 Datasheet HTML 2Page - SICK AG LFH-SB1X0G1AS20SZ0 Datasheet HTML 3Page - SICK AG LFH-SB1X0G1AS20SZ0 Datasheet HTML 4Page - SICK AG LFH-SB1X0G1AS20SZ0 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LFH-SB1X0G1AS20SZ0 | LFH
PRESSURE SENSORS
Recommended accessories
Other models and accessories
www.sick.com/LFH
Brief description
Type
Part no.
Other mounting accessories
Additional weight for stabilizing the LFH level sensor in moving liquids. Interior process
connection G ½, is fastened to the level sensor instead of the protective cap. Weight:
500 g., Stainless steel 1.4571
BEF-AW-
LFHSST-0001
5324308
Terminal and alignment brackets
Cable tension clamp for mounting the connection cable of the level sensor, max. tensile
load = 2.5 kN (not to be used with FEP cable), steel, zinc coated, Plastic
BEF-CC-
LFH001-0001
5324307
Adapters and distributors
ASK-CB-LFH-
PC0-0001
5324310
Protection filter
Protection filter for connection cable. Prevents humidity from entering the ventilation
tube of the connection cable. For self-mounting at cable end.
APR-VF-
LFH001-0001
5324309
4
FLUID SENSORS | SICK
Online data sheet | 2017-02-13 13:16:27
Subject to change without notice


유사한 부품 번호 - LFH-SB1X0G1AS20SZ0

제조업체부품명데이터시트상세설명
logo
SICK AG
LFH-SB1X0G1AS25SZ0 SICK-LFH-SB1X0G1AS25SZ0 Datasheet
787Kb / 5P
   PRESSURE SENSORS
More results

유사한 설명 - LFH-SB1X0G1AS20SZ0

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com