전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

54-763-009 데이터시트(HTML) 1 Page - API Technologies Corp

부품명 54-763-009
상세내용  Current ratings up to 100 Amps
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo 

54-763-009 데이터시트(HTML) 1 Page - API Technologies Corp

   
Zoom Inzoom in Zoom Outzoom out
/ 2 page
 1 / 2 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
High current filters are ideal for use in high current
5 volt logic buss, but also can be used for ±48 VDC
telephone rack buss, high current switch mode power
supplies and DC charging systems. High voltage filters
find use in high voltage power supplies and applications
requiring U.L. Hi-Pot.
Features
s
Current ratings up to 100 Amps
s
Continuous voltage ratings up to
1250 VDC/240 VAC (400Hz)
s
U.L. 1459 recognized and CSA C22.2 approved
versions available
s
Rugged bolt-in style for easy installation
Typ.
.
.815
(
Hex.
.563
(
.060 Max., Typ.
1-1/2 Imperfect Thds.
.250
(6.35)
Min.
.250
(6.35)
.250
(6.35)
.250
(6.35)
Min.
.500
(12.7)
Hex.
ø .062 ± .005
(1.58 ± .13)
Typ.
5/16–24 Unf–2A Thd.
.250
(6.35)
Figure 3
Dimensions in inches
(mm)
High Current/High Voltage
Resin Sealed Filters
LP24
Installation Notes
for Figure 1 & 2 — see below (Figure 3 see page CF6)
1. Mounting installation torque
Method A: Mounting in full threaded through-hole
Maximum torque: 96 in-lbs
Method B: Mounting w/hardware
Maximum torque: 84 in-lbs
2. Terminal installation torque
Maximum torque: 20 in-lbs
Note: Use two-wrench method to install
terminal hardware


Html Pages

1  2 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn