전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC62WV1024STIG55 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 STC62WV1024STIG55
상세설명  VERY LOW POWER VOLTAGE CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

STC62WV1024STIG55 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  STC62WV1024STIG55 Datasheet HTML 1Page - List of Unclassifed Manufacturers STC62WV1024STIG55 Datasheet HTML 2Page - List of Unclassifed Manufacturers STC62WV1024STIG55 Datasheet HTML 3Page - List of Unclassifed Manufacturers STC62WV1024STIG55 Datasheet HTML 4Page - List of Unclassifed Manufacturers STC62WV1024STIG55 Datasheet HTML 5Page - List of Unclassifed Manufacturers STC62WV1024STIG55 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC62WV1024STIG55 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC62WV1024STIG55 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC62WV1024STIG55 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STC62WV1024
Revision 2.1
Jan.
2004
3
STC
STC62WV1024
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/t
RC .
4. IccSB1_Max. is 1.3uA/8.0uA at Vcc=3.0V/5.0V and TA=70oC.
5. Icc_Max. is 18mA(@3V)/ 47mA(@5V) under 55ns operation.
DATA RETENTION CHARACTERISTICS ( TA = -40oC to + 85oC )
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
3. IccDR_MAX. is 0.2uA at TA=70OC.
DC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC )
LOW VCC DATA RETENTION WAVEFORM (1) ( CE1 Controlled )
CE1
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE1
Vcc - 0.2V
LOW VCC DATA RETENTION WAVEFORM (2) ( CE2 Controlled )
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE1 ≧ Vcc - 0.2V or CE2 ≦ 0.2V,
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
1.5
--
--
V
ICCDR
(3)
Data Retention Current
CE1 ≧ Vcc - 0.2V or CE2 ≦ 0.2V,
VIN ≧ Vcc - 0.2V or VIN ≦ 0.2V
--
0.05
0.3
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
--
--
ns
CE2
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIL
VIL
Vcc
VDR ≧ 1.5V
CE2 ≦ 0.2V
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
Vcc=3.0V
VIL
Guaranteed Input Low
Voltage
(2)
Vcc=5.0V
-0.5
--
0.8
V
Vcc=3.0V
2.0
VIH
Guaranteed Input High
Voltage
(2)
Vcc=5.0V
2.2
--
Vcc+0.3
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
ILO
Output Leakage Current
Vcc = Max, CE1= VIH, CE2= VIL, or
OE = VIH, VI/O = 0V to Vcc
--
--
1
uA
Vcc=3.0V
VOL
Output Low Voltage
Vcc = Max, IOL = 2.0mA
Vcc=5.0V
--
--
0.4
V
Vcc=3.0V
VOH
Output High Voltage
Vcc = Min, IOH = -1.0mA
Vcc=5.0V
2.4
--
--
V
Vcc=3.0V
--
--
15
ICC
(5)
Operating Power Supply
Current
CE1 = VIL, or CE2 = VIH,
IDQ = 0mA, F = Fmax
(3)
70ns
Vcc=5.0V
--
--
39
mA
Vcc=3.0V
--
--
0.5
ICCSB
Standby Current-TTL
CE1 = VIH, or CE2 = VIL,
IDQ = 0mA
Vcc=5.0V
--
--
1.0
mA
Vcc=3.0V
--
0.1
2.5
ICCSB1
(4)
Standby Current-CMOS
CE1≧Vcc-0.2V or CE2≦0.2V,
VIN≧Vcc-0.2V or VIN≦0.2V
Vcc=5.0V
--
0.6
20
uA


유사한 부품 번호 - STC62WV1024STIG55

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STC62WV12816 ETC1-STC62WV12816 Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816AC ETC1-STC62WV12816AC Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816AI ETC1-STC62WV12816AI Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816DC ETC1-STC62WV12816DC Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
STC62WV12816DI ETC1-STC62WV12816DI Datasheet
276Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128k X 16 bit
More results

유사한 설명 - STC62WV1024STIG55

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STC62WV256 ETC-STC62WV256 Datasheet
385Kb / 10P
   VERY LOW POWER/VOLTAGE CMOS SRAM
BS62LV8007 ETC-BS62LV8007 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1012 BSI-BS616LV1012 Datasheet
260Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
List of Unclassifed Man...
STC62WV5128 ETC-STC62WV5128 Datasheet
373Kb / 10P
   Very Low Power/Voltage CMOS SRAM
STC62WV51216 ETC-STC62WV51216 Datasheet
280Kb / 9P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS628512 WINGS-WS628512 Datasheet
392Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027 Datasheet
427Kb / 10P
   Very Low Power/Voltage CMOS SRAM
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com