전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

54-790-023 데이터시트(HTML) 6 Page - API Technologies Corp

부품명 54-790-023
상세내용  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo 

54-790-023 데이터시트(HTML) 6 Page - API Technologies Corp

Zoom Inzoom in Zoom Outzoom out
/ 12 page
 6 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Resin Sealed Bolt-in Filters
.600 ± .031
(15.24 ± .79)
.093
(2.36)
.187
(4.75) Ref.
.336
(8.53)
#8–32 Unc–2A Thd.
.132 ± .031
(3.40 ± .79)
.187 Hex.
(4.75)
ø .040 ± .005
(1.02 ± .13)
Figure 1
.187
(4.75) Hex.
Figure 2
H ± .031
(H ± .79)
L ± .031
(L ± .79)
.266
(6.77)
.093
(2.36)
ø .032 ± .005
(0.81 ± .13)
.050
(1.27)
#8–32 Unc–2A Thd.
.187
(4.75) Hex.
Figure 3
.320 ± .031
(8.13 ± .79)
.150
(3.81)
.500 ± .031
(12.70 ± .79)
.320
(8.13)
Ref.
ø .032 ± .005
(0.81 ± .13)
#8–32 Unc-2A Thd.
.187
(4.75) Hex.
Figure 4
.31 Min.
(7.9 Min.)
.150
(3.81)
#8–32 Unc–2A Thd.
.216
(5.49)
.49 Min.
(12.45 Min.)
ø .032 ± .005
(0.81 ± .13)
.315
(8.00) Max.
.906 ± .031
(23.01 ± .79)
.475 ± .031
(12.06 ± .79)
ø .032 ± .005
(.81 ± .13)
#8–32 Unc–2A Thd.
.050
(1.27)
.216
(5.49)
.311 ± .031
(7.90 ± .79)
.187
(4.75)
.093
(2.36)
Figure 5
.162 ± .031
(4.11 ± .79)
.062
(1.57)
.138
(3.51)
.238 ± .031
(6.05 ± .79)
.025
(0.64)
#8–32 Unc–2A Thd.
ø .040 ± .005
(1.02 ± .13)
18 Awg.
.187
(4.75) Hex.
Figure 6
9
10
14
17
17
20
7
10
18
20
20
38
5
5
5
15
27
28
30
5
5
5
10
8
5
5
5
14
28
45
30
30
65
15
15
15
35
34
34
38
15
15
15
15
10
15
15
15
30
40
65
65
65
75
45
45
45
65
43
41
42
35
25
45
30
48
45
45
45
55
65
70
70
65
75
50
60
60
70
50
50
52
45
35
45
40
50
65
65
65
70
70
Minimum Insertion Loss (dB)
50
50
70
70
100
100
100
100
100
100
100
125
125
125
125
125
200
200
200
200
200
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
Supplied with .040" (1.02mm) diameter lead.
Also available through API’s authorized European distributors/agents.
*
Denotes parts with turret lead.
51-712-069 €
¦
51-712-065
¦
1250-054
¦
1293-001
51-712-055
¦
51-712-014
51-712-028
¦
51-712-063*
¦
51-712-003 ◊
51-712-060 ◊
¦
51-712-067
51-762-006
¦
1250-059
¦
51-762-005
1250-062
¦
51-744-003*
¦
SCI-3223-000
¦
1250-003 €
¦
51-712-001*
1250-049
¦
51-744-002 ◊
¦
1293-000
Fig.
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
2
4
2
3
2
2
5
2
2
2
2
6
6
6
1
1
2
2
2
2
2
3
10
20
10
10
10
10
10
10
10
10
10
15
15
15
15
15
10
10
10
10
10
10
0.012 µF
0.012 µF
5000 pF
0.028 µF
3000 pF
3000 pF
3000 pF
5500 pF
0.022 µF
0.022 µF
0.031 µF
65 pF
1500 pF
1500 pF
3000 pF
3000 pF
2000 pF
3000 pF
3000 pF
3000 pF
5500 pF
0.012 µF
70
70
70
75
50
60
60
70
60
60
60
16
60
50
70
65
70
70
70
65
70
70
70
70
70
75
50
60
60
70
60
60
60
42
60
50
70
65
70
70
70
60
70
70
L
70
70
70
70
70
85
85
85
115
AC
In
(mm)
5
10
7
10
10
5
1
MHz
CKT
Pi
Pi
Pi
Pi
Pi
Pi
Pi
Pi
LB
LB
LB
Pi
Pi
Pi
Pi
Pi
Pi
Pi
Pi
Pi
Pi
Pi
M15733
MIL
Number
/61-0014
/43-0002
/28-0001
/28-0002
/61-0008
/28-0004
/61-0013
/44-0003
/44-0002
/44-0001
H
In
(mm)
0.265
0.310
0.312
0.312
0.312
0.312
0.280
0.312
0.280
0.312
0.312
0.312
0.312
0.265
(6.73)
(7.87)
(7.92)
(7.92)
(7.92)
(7.92)
(7.11)
(7.92)
(7.11)
(7.92)
(7.92)
(7.92)
(7.92)
(6.73)
0.413
0.490
0.500
0.578
0.890
0.500
0.850
0.890
0.890
0.890
0.890
0.890
0.578
0.413
(10.49)
(12.45)
(12.70)
(14.68)
(22.61)
(12.70)
(21.59)
(22.61)
(22.61)
(22.61)
(22.61)
(22.61)
(14.68)
(10.49)
Dimensions in inches
(mm)
8-32 L & Pi Circuit
LP17


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn