전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

54-790-019 데이터시트(HTML) 5 Page - API Technologies Corp

부품명 54-790-019
상세내용  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo 

54-790-019 데이터시트(HTML) 5 Page - API Technologies Corp

 
Zoom Inzoom in Zoom Outzoom out
/ 12 page
 5 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
8-32 C Circuit
Resin Sealed Bolt-in Filters
.421 ± .031
(10.7 ± .79)
.140
(3.56)
#8–32 Unc–2A Thd.
.328 ± .031
(8.33 ± .79)
ø .040 ± .005
(1.02 ± .13)
.234
(5.94)
.187
(4.75)
.890 ± .031
(22.6 ± .79)
.040 Max.
(1.02)
.093
(2.36)
.050
(1.27)
.312 ± .031
(7.92 ± .79)
.266
(6.77)
#8–32 Unc–2A Thd.
ø .032 ± .005
(0.81 ± .13)
.187 Hex.
(4.75)
F
.466 ± .031
(11.84 ± .79)
.266
(6.76)
.050
(1.27)
ø .032 ± .005
(0.81 ± .13)
#8–32 Unc–2A Thd.
.130
(3.30)
.293 ± .031
(7.44 ± .79)
.187
(4.75) Hex.
.631 ± .031
(16.03 ± .79)
.093
(2.39)
.265 ± .031
(6.73 ± .79)
#8–32 Unc–2A Thd.
.266
(6.77)
.187 Hex.
(4.75)
ø .051 ± .005
(1.3 ± .13)
F
24
30
37
24
9
12
20
24
29
6
6
35
43
45
37
20
20
30
34
38
8
15
15
41
45
50
41
11
29
29
36
41
44
17
24
11
24
45
55
55
51
20
38
38
45
45
47
26
33
20
33
50
55
60
51
10
28
45
45
50
50
55
32
37
10
28
37
Minimum Insertion Loss (dB)
50
50
50
70
100
100
100
100
100
100
100
150
150
200
200
200
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
SCI-9200-503
9950-381-6009
54-785-017
9950-381-6008
¦
54713001X5F101M
¦
54713001X5U102P
54-785-013
SCI-9210-103
SCI-9210-273
¦
54-785-005
54-785-016
54-785-011
54-785-012
SCI-9220-101
SCI-9220-102
SCI-9220-502
Figure
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
2
3
1
3
4
4
1
2
2
1
1
1
1
2
2
2
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
0.05 µF
0.12 µF
0.21 µF
0.08 µF
80 pF
1000 pF
0.01 µF
0.01 µF
0.027 µF
0.05 µF
0.1 µF
2000 pF
5000 pF
100 pF
1000 pF
5000 pF
60
55
70
55
20
28
50
50
55
60
65
34
40
20
28
40
60
55
70
55
20
28
55
50
60
60
65
35
40
25
28
40
115
115
115
AC
15
20
28
15
10
15
20
1
MHz
Figure 2
Figure 1
Figure 4
Figure 3
Dimensions in inches
(mm)
LP16


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn