전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

54-790-019 데이터시트(HTML) 8 Page - API Technologies Corp

부품명 54-790-019
상세내용  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo 

54-790-019 데이터시트(HTML) 8 Page - API Technologies Corp

 
Zoom Inzoom in Zoom Outzoom out
/ 12 page
 8 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Resin Sealed Bolt-in Filters
.594 ± .031
(15.08 ± .79)
.156
(3.96)
#12–28 Unf–2A Thd.
.312
(7.92)
.250
(6.35)
.406 ± .031
(10.36 ± .79)
ø .051 ± .005
(1.30 ± .13)
Figure 1
.468 ± .031
(11.89 ± .79)
.140
(3.56)
.234
(5.54)
#12–32 Unf–2A Thd.
.406 ± .031
(10.36 ± .79)
.312
(7.92)
Figure 2
.921 ± .031
(23.4 ± .79)
.157
(3.99)
.093 Max.
(2.36)
.032 ± .005
(0.81 ± .13)
#12–32 Unef–2A Thd.
.250
(6.35)
.311
(7.9)
.032
(0.81)
.343 ± .031
(8.71 ± .79)
Figure 3
.187
(4.75)
.250
(6.35)
.453 ± .031
(11.51 ± .79)
.359 ± .031
(9.12 ± .79)
.187
(4.75)
.281
(7.14)
.062
(1.57)
ø .040 ± .005
(1.02 ± .13)
.312
(7.92)
#12–32 Unef–2A Thd.
Figure 4
40
37
20
30
52
51
30
45
52
51
37
50
10
70
61
45
55
12
21
20
70
61
50
55
10
22
28
28
Minimum Insertion Loss (dB)
35
50
100
100
250
250
250
250
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
9910-381-6004
9910-381-6003
SCI-9310-273
9910-381-6002
54804002X5R101M
¦
54804002X5R471M
¦
54804002X5V102P
54743001X5U102Z
Figure
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
4
4
3
4
2
2
2
1
15
15
10
15
10
10
10
15
1 µF
0.75 µF
0.027 µF
0.30 µF
100 pF ± 20%
470 pF ± 20%
1000 pF
1000 pF
78
65
55
60
20
25
28
28
80
70
60
65
25
28
28
28
AC
38
35
10
28
1
MHz
CKT
C
C
C
C
C
C
C
C
12-28 C /12-32 C Circuit
Dimensions in inches
(mm)
LP19


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn