전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

54-790-019 데이터시트(HTML) 10 Page - API Technologies Corp

부품명 54-790-019
상세내용  Resin Sealed Bolt-in Filters
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  APITECH [API Technologies Corp]
홈페이지  http://www.apitech.com/
Logo 

54-790-019 데이터시트(HTML) 10 Page - API Technologies Corp

 
Zoom Inzoom in Zoom Outzoom out
/ 12 page
 10 / 12 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Resin Sealed Bolt-in Filters
40
43
20
7
7
7
7
7
7
15
40
7
7
7
52
68
60
20
20
20
20
20
40
65
5
5
5
5
5
5
5
14
14
14
27
15
5
12
70
70
65
35
35
40
60
70
10
15
15
15
15
15
15
35
30
35
30
30
10
20
70
70
65
75
65
65
68
65
65
65
70
65
70
35
45
45
43
45
43
45
45
45
45
45
60
50
60
70
65
65
50
45
70
70
65
75
70
70
70
70
70
70
70
65
70
60
45
45
60
45
60
45
45
45
45
45
70
65
70
70
70
70
50
60
Minimum Insertion Loss (dB)
50
50
70
70
100
100
100
100
100
100
100
100
100
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
200
300
300
350
500
Rated Voltage
125°C
I
Amp
Min
Cap
10
MHz
Part Number
¦
Also available through API’s authorized distributors.
Also available through API’s authorized European distributors/agents.
*
Denotes parts supplied with lead as shown in Figure 7.
**
Bushing housing will have 1 1/2 imperfect threads at hex to thread interface.
51-709-013
SCI-3303-000*
51-709-015
¦
1216-001
¦
1270-016*
¦
1270-025
¦
1201-066
51-714-055*
51-714-054*
51-714-053*
51-714-058*
51-714-056
¦
SCI-3313-000*
51-719-022
¦
1201-052
¦
1201-054
51-714-001*
¦
1270-024
51-714-003*
¦
1270-009
51-719-053**
51-719-054*
51-714-051*
51-719-023*
51-714-052*
51-714-004*
¦
51-719-021
51-714-002*
¦
SCI-3323-000*
¦
1221-001
¦
51-709-004
1201-086
¦
51-719-011 €
See
Pg. LP20
for Fig.
DC
30
MHz
100
MHz
300
MHz
1
GHz
10
GHz
3
MHz
3
2
3
3
2
2
1
2
2
2
2
6
2
1
5
1
2
2
2
2
5
1
2
5
2
2
1
2
2
4
4
1
1
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
0.1 µF
0.15 µF
0.012 µF
0.050 µF
5500 pF
5500 pF
5500 pF
5500 pF
5500 pF
5500 pF
0.025 µF
0.025 µF
0.10 µF
1300 pF
3000 pF
3000 pF
3000 pF
3000 pF
3000 pF
3000 pF
3000 pF
1500 pF
1500 pF
3000 pF
3000 pF
5500 pF
5500 pF
5500 pF
0.012 µF
5500 pF
5500 pF
2500 pF
3000 pF
70
70
65
75
70
70
70
70
70
70
70
65
70
70
70
70
70
70
70
70
70
70
70
45
70
70
65
70
70
70
70
65
60
70
70
65
75
70
70
70
70
70
70
70
65
70
70
70
70
70
70
70
70
70
70
70
45
70
70
65
70
70
70
70
65
60
B
70
140
140
140
140
140
115
AC
In
(mm)
10
12
15
10
10
1
MHz
M15733
MIL
Number
A
In
(mm)
0.040
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.040
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.032
0.040
0.032
0.032
0.032
0.032
0.040
0.040
(1.02)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(1.02)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(0.81)
(1.02)
(0.81)
(0.81)
(0.81)
(0.81)
(1.02)
(1.02)
0.437
0.250
0.470
0.468
0.250
0.235
0.235
0.250
0.250
0.250
0.235
0.250
0.250
0.235
0.235
0.250
0.250
0.235
0.235
0.250
0.250
0.437
0.437
(11.10)
(6.35)
(11.94)
(11.89)
(6.35)
(5.97)
(5.97)
(6.35)
(6.35)
(6.35)
(5.97)
(6.35)
(6.35)
(5.97)
(5.97)
(6.35)
(6.35)
(5.97)
(5.97)
(6.35)
(6.35)
(11.10)
(11.10)
/61-0009
/61-0011
/61-0010
/61-0007
/61-0012
/61-0001
/61-0002
/61-0005
/43-0001
/61-0006
/46-0001
12-28 & 12-32 Pi Circuit
LP21


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn